Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50RLB060 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # PM50RLB060
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50RLB060 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  PM50RLB060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM50RLB060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM50RLB060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM50RLB060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50RLB060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50RLB060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM50RLB060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM50RLB060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM50RLB060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50RLB060
FLAT-BASE TYPE
INSULATED PACKAGE
May 2005
Parameter
Symbol
Supply Voltage Protected by
SC
Supply Voltage (Surge)
Storage Temperature
Isolation Voltage
Condition
VCC(surge)
Tstg
Viso
Ratings
VCC(PROT)
400
500
–40 ~ +125
2500
Unit
V
°C
Vrms
V
VD = 13.5 ~ 16.5V, Inverter Part,
Tj = +125
°C Start
Applied between : P-N, Surge value
60Hz, Sinusoidal, Charged part to Base, AC 1 min.
2.1
2.0
3.3
2.4
0.4
1.0
2.5
1.0
1
10
Min.
Typ.
Max.
Collector-Emitter
Saturation Voltage
Collector-Emitter
Cutoff Current
–IC = 50A, VD = 15V, VCIN = 15V
(Fig. 2)
Tj = 25
°C
Tj = 125
°C
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Parameter
Symbol
Condition
VCE(sat)
ICES
VEC
ton
trr
tc(on)
toff
tc(off)
Limits
0.5
1.6
1.5
2.2
1.0
0.2
0.4
1.2
0.5
Tj = 25
°C
Tj = 125
°C
FWDi Forward Voltage
Switching Time
VD = 15V, VCIN = 0V
↔15V
VCC = 300V, IC = 50A
Tj = 125
°C
Inductive Load
(Fig. 3,4)
VCE = VCES, VCIN = 15V
(Fig. 5)
VD = 15V, IC = 50A
VCIN = 0V
(Fig. 1)
TOTAL SYSTEM
V
mA
V
µs
Unit
UP
IGBT
29.0
–7.3
VP
WP
UN
VN
WN
Br
FWDi
29.5
1.6
IGBT
64.6
–7.3
FWDi
65.1
2.1
IGBT
85.9
–7.3
FWDi
86.4
2.1
IGBT
38.1
5.3
FWDi
37.6
–4.6
IGBT
54.8
5.3
FWDi
55.3
–4.6
IGBT
76.1
5.3
FWDi
75.6
–4.6
IGBT
18.3
–7.4
FWDi
22.4
7.0
arm
axis
X
Y
Bottom view
* If you use this value, Rth(f-a) should be measured just under the chips.
(Note-1) Tc (under the chip) measurement point is below.
(unit : mm)
0.95*
1.61*
1.21*
2.19*
0.038
°C/W
Rth(j-c)Q
Rth(j-c)F
Rth(j-c)Q
Rth(j-c)F
Rth(c-f)
Inverter IGBT (per 1 element)
(Note-1)
Inverter FWDi (per 1 element)
(Note-1)
Brake IGBT
(Note-1)
Brake FWDi
(Note-1)
Case to fin, (per 1 module)
Thermal grease applied
(Note-1)
Symbol
Condition
Unit
Min.
Junction to case Thermal
Resistances
THERMAL RESISTANCES
Contact Thermal Resistance
Parameter
Limits
Typ.
Max.


Similar Part No. - PM50RLB060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50RLB060 MITSUBISHI-PM50RLB060 Datasheet
99Kb / 6P
   MITSUBISHI INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM50RLB060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com