Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50RSE120 Datasheet(PDF) 7 Page - Mitsubishi Electric Semiconductor

Part # PM50RSE120
Description  FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50RSE120 Datasheet(HTML) 7 Page - Mitsubishi Electric Semiconductor

  PM50RSE120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM50RSE120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM50RSE120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM50RSE120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50RSE120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50RSE120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM50RSE120 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM50RSE120 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM50RSE120 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50RSE120
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
60
40
20
50
30
10
0
0
1
0.5
1.5
2.5
23
Tj = 25
°C
2
3
1.5
2.5
1
0.5
0
0
20
40
60
10
30
50
VD = 15V
Tj = 25
°C
Tj = 125
°C
3
2
1.5
2.5
1
0.5
0
18
13
12
15
14
17
16
10–1
101
7
5
3
2
100
23
5 7
101
100
7
5
3
2
23
5 7
102
4
4
44
10–1
101
7
5
3
2
100
23
5 7
101
100
7
5
3
2
23
5 7
102
4
4
44
tc(off)
tc(off)
tc(on)
toff
ton
IC = 50A
Tj = 25
°C
Tj = 125
°C
VCC = 600V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
VCC = 600V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
10–1
101
7
5
3
2
100
23
5
7
101
100
7
5
3
2
23
5
7
102
4
4
44
VCC = 600V
VD = 15V
Tj = 25
°C
Tj = 125
°C
Inductive load
ESW(off)
ESW(off)
ESW(on)
15V
13V
VD = 17V
ESW(on)
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
COLLECTOR CURRENT IC (A)
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. Ic) CHARACTERISTICS
(TYPICAL)
CONTROL SUPPLY VOLTAGE VD (V)
COLLECTOR-EMITTER SATURATION
VOLTAGE (VS. VD) CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
SWITCHING TIME CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
SWITCHING TIME CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
SWITCHING LOSS CHARACTERISTICS
(TYPICAL)
PERFORMANCE CURVES (Inverter Part)


Similar Part No. - PM50RSE120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
More results

Similar Description - PM50RSE120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50CSE060 MITSUBISHI-PM50CSE060 Datasheet
131Kb / 6P
   FLAT-BASE FLAT-BASE TYPE INSULATED PACKAGE
PM100DSA120 MITSUBISHI-PM100DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM30CTJ060 MITSUBISHI-PM30CTJ060 Datasheet
133Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM400DSA060 MITSUBISHI-PM400DSA060 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM75RSA060 MITSUBISHI-PM75RSA060 Datasheet
84Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50CTK060 MITSUBISHI-PM50CTK060 Datasheet
144Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM200CSA060 MITSUBISHI-PM200CSA060 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM10CSJ060 MITSUBISHI-PM10CSJ060 Datasheet
57Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM100CSA120 MITSUBISHI-PM100CSA120 Datasheet
72Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
PM50RSA060 MITSUBISHI-PM50RSA060 Datasheet
85Kb / 8P
   FLAT-BASE TYPE INSULATED PACKAGE
PM20CTM060 MITSUBISHI-PM20CTM060 Datasheet
136Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com