Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT49FCT3805EQGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT49FCT3805EQGI
Description  3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT49FCT3805EQGI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT49FCT3805EQGI Datasheet HTML 1Page - Integrated Device Technology IDT49FCT3805EQGI Datasheet HTML 2Page - Integrated Device Technology IDT49FCT3805EQGI Datasheet HTML 3Page - Integrated Device Technology IDT49FCT3805EQGI Datasheet HTML 4Page - Integrated Device Technology IDT49FCT3805EQGI Datasheet HTML 5Page - Integrated Device Technology IDT49FCT3805EQGI Datasheet HTML 6Page - Integrated Device Technology IDT49FCT3805EQGI Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT49FCT3805D/E
3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
CAPACITANCE (TA = +25OC, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
InputCapacitance
VIN = 0V
3
4
pF
COUT
OutputCapacitance
VOUT = 0V
6
pF
NOTE:
1. This parameter is measured at characterization but not tested.
PIN DESCRIPTION
Pin Names
Description
OEA, OEB
3-State Output Enable Inputs (Active LOW)
INA, INB
Clock Inputs
OAn, OBn
Clock Outputs
MON
MonitorOutput
FUNCTION TABLE(1)
Inputs
Outputs
OEA, OEB
INA, INB
OAn, OBn
MON
LLL
L
LH
H
H
HL
Z
L
HH
Z
H
NOTE:
1. H = HIGH
L = LOW
Z = High-Impedance
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
VCC
Input Power Supply Voltage
–0.5 to +4.6
V
VI
InputVoltage
–0.5 to +5.5
V
VO
OutputVoltage
–0.5 to VCC+0.5
V
TJ
JunctionTemperature
150
° C
TSTG
StorageTemperature
–65 to +165
° C
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE
Following Conditions Apply Unless Otherwise Specified
Industrial: TA = -40°C to +85°C, VCC = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
VIH
Input HIGH Level
2
5.5
V
VIL
Input LOW Level
–0.5
0.8
V
IIH
Input HIGH Current
VCC = Max.
VI = 5.5V
±1
IIL
Input LOW Current
VCC = Max.
VI = GND
±1µ A
IOZH
High Impedance Output Current
VCC = Max.
VO = VCC
——
±1
IOZL
(3-State Outputs Pins)
VO = GND
±1
VIK
Clamp Diode Voltage
VCC = Min., IIN = –18mA
–0.7
–1.2
V
IODH
Output HIGH Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3,4)
–45
–74
–180
mA
IODL
Output LOW Current
VCC = 3.3V, VIN = VIH or VIL, VO = 1.5V(3,4)
50
90
200
mA
IOS
Short Circuit Current
VCC = Max., VO = GND(3,4)
–60
–135
–240
mA
VOH
Output HIGH Voltage
VCC = Min.
IOH = –12mA
2.4(5)
3—
VIN = VIH or VIL
IOH = –8mA
2.4(5)
3—
V
IOH = –100
μAVCC- 0.2
VOL
Output LOW Voltage
VCC = Min.
IOL = 12mA
0.3
0.4
VIN = VIH or VIL
IOL = 8mA
0.2
0.4
V
IOL = 100
μA
0.2
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, 25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. VOH = Vcc -0.6V at rated current.


Similar Part No. - IDT49FCT3805EQGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT3805E RENESAS-IDT49FCT3805E Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
More results

Similar Description - IDT49FCT3805EQGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
logo
Alliance Semiconductor ...
ASM2P3805X ALSC-ASM2P3805X Datasheet
500Kb / 12P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
PulseCore Semiconductor
PCS2P3805E PULSECORE-PCS2P3805E Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Potato Semiconductor Co...
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com