Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8820AENU150Z Datasheet(PDF) 7 Page - Analog Microelectronics

Part # AME8820AENU150Z
Description  High PSRR, CSP, 150mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8820AENU150Z Datasheet(HTML) 7 Page - Analog Microelectronics

Back Button AME8820AENU150Z Datasheet HTML 3Page - Analog Microelectronics AME8820AENU150Z Datasheet HTML 4Page - Analog Microelectronics AME8820AENU150Z Datasheet HTML 5Page - Analog Microelectronics AME8820AENU150Z Datasheet HTML 6Page - Analog Microelectronics AME8820AENU150Z Datasheet HTML 7Page - Analog Microelectronics AME8820AENU150Z Datasheet HTML 8Page - Analog Microelectronics AME8820AENU150Z Datasheet HTML 9Page - Analog Microelectronics AME8820AENU150Z Datasheet HTML 10Page - Analog Microelectronics AME8820AENU150Z Datasheet HTML 11Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AME, Inc.
Rev.B.01
7
AME8820
High PSRR, CSP, 150mA CMOS LDO
n Electrical Specifications
Note 1: Line Regulation =
Note 2: Load Regulation =
)
(
%
100
mA
I
Vout
Vout
×
Vout
Vin
Vout
%
100
×
Parameter
Symbol
Min
Typ
Max
Units
VENH
1.4
V
VENL
0.3
V
Enable Input Bias Current
IEN
0.1
1
µA
Shutdown Supply Current
ISD
0.5
1
µA
dB
65
65
IOUT = 1mA
VOUT > 1.8V VIN = VOUT + 1V
1.2V <= VOUT <= 1.8V VIN = 2.5V
60
IOUT = 100mA,
COUT = 4.7
µF,
Freq.= 1KHz
VOUT >= 2.5
VIN = VOUT + 1V
30
Test Condition
Enable Input Threshold
Voltage
VOUT Temperature Coefficient
TC
Power Supply Rejection
PSRR
VIN = 5V, VEN = 0V
VIN = 5V, EN = 0V or 5V
1.8V <= VOUT < 2.5V
VIN = VOUT + 1V
2.5V <= VIN <= 5.5V
1.2V <= VOUT < 1.8V
VIN = 2.5V
ppm/
oC


Similar Part No. - AME8820AENU150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8821 AME-AME8821 Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821AEEV180Y AME-AME8821AEEV180Y Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821AEEV180Y AME-AME8821AEEV180Y Datasheet
239Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821AEEV180Z AME-AME8821AEEV180Z Datasheet
179Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
AME8821AEEV180Z AME-AME8821AEEV180Z Datasheet
239Kb / 15P
   250mA Hi-PSRR, Low-Quiescent LDO with In-Rush Current Control For USB Application
More results

Similar Description - AME8820AENU150Z

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Holtek Semiconductor In...
HT75B15 HOLTEK-HT75B15 Datasheet
2Mb / 15P
   High PSRR 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com