Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61029DRC Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS61029DRC
Description  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61029DRC Datasheet(HTML) 2 Page - Texas Instruments

  TPS61029DRC Datasheet HTML 1Page - Texas Instruments TPS61029DRC Datasheet HTML 2Page - Texas Instruments TPS61029DRC Datasheet HTML 3Page - Texas Instruments TPS61029DRC Datasheet HTML 4Page - Texas Instruments TPS61029DRC Datasheet HTML 5Page - Texas Instruments TPS61029DRC Datasheet HTML 6Page - Texas Instruments TPS61029DRC Datasheet HTML 7Page - Texas Instruments TPS61029DRC Datasheet HTML 8Page - Texas Instruments TPS61029DRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS TABLE
RECOMMENDED OPERATING CONDITIONS
TPS61020
,, TPS61024,, TPS61025
TPS61026, TPS61027, TPS61028
TPS61029
SLVS451D – SEPTEMBER 2003 – REVISED FEBRUARY 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
AVAILABLE OUTPUT VOLTAGE OPTIONS(1)
OUTPUT
NOMINAL SWITCH
PACKAGE
TA
VOLTAGE
PACKAGE
PART NUMBER(2)
CURRENT LIMIT
MARKING
DC/DC
Adjustable
1500 mA
BDR
TPS61020DRC
Adjustable
800 mA
BNE
TPS61028DRC
Adjustable
1800 mA
BRF
TPS61029DRC
–40
°C to 85°C
3.0 V
1500 mA
BDS
10-Pin QFN
TPS61024DRC
3.3 V
1500 mA
BDT
TPS61025DRC
5 V
1800 mA
BRD
TPS61026DRC
5 V
1500 mA
BDU
TPS61027DRC
(1)
Contact the factory to check availability of other fixed output voltage versions.
(2)
The DRC package is available taped and reeled. Add R suffix to device type (e.g., TPS61020DRCR) to order quantities of 3000 devices
per reel. Add a T suffix to the device type (i.e., TPS61020DRCT) to order quantities of 250 devices per reel.
over operating free-air temperature range (unless otherwise noted)(1)
TPS6102x
Input voltage range on SW, VOUT, LBO, VBAT, PS, EN, FB, LBI
–0.3 V to 7 V
Operating virtual junction temperature range, TJ
–40
°C to 150°C
Storage temperature range, Tstg
–65
°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliabilitiy.
THERMAL RESISTANCE
POWER RATING
DERATING FACTOR ABOVE
PACKAGE
Θ
JA
TA≤ 25°C
TA = 25°C
DRC
48.7
°C/W
2054 mW
21 mW/
°C
MIN
NOM
MAX
UNIT
Supply voltage at VBAT, VI (TPS61020, TPS61024, TPS61025, TPS61028)
0.9
6.5
V
Supply voltage at VBAT, VI (TPS61026, TPS61029)
0.9
5.5
V
Operating free air temperature range, TA
–40
85
°C
Operating virtual junction temperature range, TJ
–40
125
°C
2
Submit Documentation Feedback


Similar Part No. - TPS61029DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61029 TI-TPS61029 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61029QDPNRQ1 TI1-TPS61029QDPNRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
More results

Similar Description - TPS61029DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com