Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61020DRCRG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61020DRCRG4
Description  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61020DRCRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61020DRCRG4 Datasheet HTML 1Page - Texas Instruments TPS61020DRCRG4 Datasheet HTML 2Page - Texas Instruments TPS61020DRCRG4 Datasheet HTML 3Page - Texas Instruments TPS61020DRCRG4 Datasheet HTML 4Page - Texas Instruments TPS61020DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS61020DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS61020DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS61020DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS61020DRCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
www.ti.com
PIN ASSIGNMENTS
FB
LBO
GND
VBAT
SW
VOUT
LBI
PS
EN
PGND
DRC PACKAGE
(TOP VIEW)
TPS61020
,, TPS61024,, TPS61025
TPS61026, TPS61027, TPS61028
TPS61029
SLVS451D – SEPTEMBER 2003 – REVISED FEBRUARY 2006
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
EN
1
I
Enable input. (1/VBAT enabled, 0/GND disabled)
FB
3
I
Voltage feedback of adjustable versions
GND
5
Control / logic ground
LBI
7
I
Low battery comparator input (comparator enabled with EN), may not be left floating, should be connected to
GND or VBAT if comparator is not used
LBO
4
O
Low battery comparator output (open drain)
PS
8
I
Enable/disable power save mode (1/VBAT disabled, 0/GND enabled)
SW
9
I
Boost and rectifying switch input
PGND
10
Power ground
VBAT
6
I
Supply voltage
VOUT
2
O
Boost converter output
PowerPAD™
Must be soldered to achieve appropriate power dissipation. Should be connected to PGND.
4
Submit Documentation Feedback


Similar Part No. - TPS61020DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61020DRC TI-TPS61020DRC Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
More results

Similar Description - TPS61020DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com