Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61028DRCRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS61028DRCRG4
Description  96% EFFICIENT SYNCHRONOUS BOOST CONVERTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61028DRCRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS61028DRCRG4 Datasheet HTML 5Page - Texas Instruments TPS61028DRCRG4 Datasheet HTML 6Page - Texas Instruments TPS61028DRCRG4 Datasheet HTML 7Page - Texas Instruments TPS61028DRCRG4 Datasheet HTML 8Page - Texas Instruments TPS61028DRCRG4 Datasheet HTML 9Page - Texas Instruments TPS61028DRCRG4 Datasheet HTML 10Page - Texas Instruments TPS61028DRCRG4 Datasheet HTML 11Page - Texas Instruments TPS61028DRCRG4 Datasheet HTML 12Page - Texas Instruments TPS61028DRCRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
www.ti.com
0.9 1.5
2
2.5
3
3.5
4
4.5
5
6
6.5
5.5
VI - Input Voltage - V
-0.2
4.8
9.8
14.8
19.8
24.8
29.8
34.8
TA = 85°C
TA = -40°C
TA = 25°C
0
0.2
0.4
0.6
0.8
1.2
1.6
0.9 1.5
2
2.5
3
3.5
4
4.5
5
6
6.5
5.5
VI - Input Voltage - V
TA = 85°C
TA = 25°C
1
1.4
TA = -40°C
t - Time - 1
µs/div
VI = 3.6 V,
RL = 25 Ω,
VO = 5 V
t - Time - 1
µs/div
VI = 1.2 V,
RL = 33 Ω,
VO = 3.3 V
TPS61020
,, TPS61024,, TPS61025
TPS61026, TPS61027, TPS61028
TPS61029
SLVS451D – SEPTEMBER 2003 – REVISED FEBRUARY 2006
NO LOAD SUPPLY CURRENT INTO VBAT
NO LOAD SUPPLY CURRENT INTO VOUT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 9.
Figure 10.
TPS61025
TPS61027
OUTPUT VOLTAGE IN CONTINUOUS MODE
OUTPUT VOLTAGE IN CONTINUOUS MODE
Figure 11.
Figure 12.
9
Submit Documentation Feedback


Similar Part No. - TPS61028DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61028 TI-TPS61028 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
More results

Similar Description - TPS61028DRCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61020 TI-TPS61020_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converter
TPS61029-Q1 TI1-TPS61029-Q1 Datasheet
764Kb / 27P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTERS
TPS61030 TI-TPS61030_10 Datasheet
878Kb / 28P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI-TPS61030 Datasheet
375Kb / 20P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 4A SWITCH
TPS61030 TI1-TPS61030_17 Datasheet
1Mb / 33P
[Old version datasheet]   96% Efficient Synchronous Boost Converter With 4A Switch
TPS61025-Q1 TI1-TPS61025-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96 Efficient Synchronous Boost Converters
TPS61020 TI-TPS61020 Datasheet
638Kb / 22P
[Old version datasheet]   96% EFFICIENT SYNCHRONOUS BOOST CONVERTER WITH 1.5-A SWITCH
TPS61030 TI-TPS61030_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6103x 96% Efficient Synchronous Boost Converter With 4A Switch
TPS61029-Q1 TI-TPS61029-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS6102x 96% Efficient Synchronous Boost Converters
TPS61071-Q1 TI1-TPS61071-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Efficient Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com