Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FW905 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # FW905
Description  N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FW905 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  FW905 Datasheet HTML 1Page - Sanyo Semicon Device FW905 Datasheet HTML 2Page - Sanyo Semicon Device FW905 Datasheet HTML 3Page - Sanyo Semicon Device FW905 Datasheet HTML 4Page - Sanyo Semicon Device FW905 Datasheet HTML 5Page - Sanyo Semicon Device FW905 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FW905
No.8754-1/6
Features
Composite type with an N-channel MOSFET and a P-channel MOSFET driving from a 2.5V supply voltage
contained in a single package.
High-density mounting.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
N-channel
P-channel
Unit
Drain-to-Source Voltage
VDSS
20
--20
V
Gate-to-Source Voltage
VGSS
±10
±10
V
Drain Current (DC)
ID
7
--6
A
Drain Current (PW
≤10µs)
IDP
Duty cycle
≤1%
52
--52
A
Allowable Power Dissipation
PD
Mounted on a ceramic board
2.3
W
(1500mm2!0.8mm)1unit, PW
≤10s
Total Dissipation
PT
Mounted on a ceramic board
2.5
W
(1500mm2!0.8mm), PW
≤10s
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
[N-channel]
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
0.5
1.3
V
Forward Transfer Admittance
yfs
VDS=10V, ID=7A
9
15
S
RDS(on)1
ID=7A, VGS=4V
18
24
m
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=3A, VGS=2.5V
20
33
m
Input Capacitance
Ciss
VDS=10V, f=1MHz
1530
pF
Output Capacitance
Coss
VDS=10V, f=1MHz
230
pF
Reverse Transfer Capacitance
Crss
VDS=10V, f=1MHz
215
pF
Marking : W905
Continued on next page.
Ordering number : EN8754
80906 / 22406PA MS IM TB-00002087
FW905
N-Channel and P-Channel Silicon MOSFETs
General-Purpose Switching Device
Applications
SANYO Semiconductors
DATA SHEET
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN


Similar Part No. - FW905

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FW9014-120E ETC-FW9014-120E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
FW9014-190E ETC-FW9014-190E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
FW9014-480E ETC-FW9014-480E Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
FW9014-XXXE ETC-FW9014-XXXE Datasheet
1Mb / 36P
   Bobbintron Electrical Corporation
logo
Sanyo Semicon Device
FW906 SANYO-FW906 Datasheet
445Kb / 6P
   General-Purpose Switching Device Applications
More results

Similar Description - FW905

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH6619 SANYO-CPH6619 Datasheet
58Kb / 7P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2606 SANYO-VEC2606 Datasheet
68Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2603 SANYO-VEC2603 Datasheet
71Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2609 SANYO-VEC2609 Datasheet
51Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
EMH2603 SANYO-EMH2603 Datasheet
73Kb / 7P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
EMH2602 SANYO-EMH2602 Datasheet
71Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
FW349 SANYO-FW349 Datasheet
71Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
VEC2607 SANYO-VEC2607 Datasheet
52Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
FW340 SANYO-FW340 Datasheet
61Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
SCH2615 SANYO-SCH2615 Datasheet
70Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
ECH8620 SANYO-ECH8620 Datasheet
72Kb / 6P
   N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com