Selected language     English  ▼


LA7209V Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part No. LA7209V
Description  Monolithic Linear IC ISO/IEC-14443 (proximity) RF amplifier for contact-less IC card and tag
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANYO [Sanyo Semicon Device]
Homepage  http://www.ssdc-jp.com/eng/
Logo 

 
 3 page
background image
LA7209V
No.A0641-3/14
Continued from preceding page.
Ratings
Parameter
Symbol
IN
OUT
Conditions
min
typ
max
Unit
DET demodulation
sensitivity type A
DETA
T22
T23
T18
VIN = 5.0Vp-p (13.5MHz)+28mVp-p (847kHz)
Measure the C/N ratio of the 847kHz component.
SW1 : 1, SW2 : 2, SW3 : 2, SW4 : 1, SW5 : 1, SW6 : 2
42
45
48
dB
DET demodulation
sensitivity type C
DETC
T22
T23
T18
VIN = 5.0Vp-p (13.5MHz)+28mVp-p (106kHz)
Measure the C/N ratio of the 106kHz component.
SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 1, SW5 : 1, SW6 : 2
47
50
53
dB
DET demodulation
sensitivity 423k
DT423
T22
T23
T18
VIN = 5.0Vp-p (13.5MHz)+28mVp-p (423kHz)
Measure the C/N ratio of the 423kHz component.
SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 1, SW5 : 1, SW6 : 2
45
48
51
dB
Comparator sensitivity
SCMP
T16A
T15
VIN = 10mVp-p, 106kHz, Square wave
Measure the amplitude of output waveform.
SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 1, SW5 : 2, SW6 : 2
2.5
3.0
3.1
Vp-p
Comparator output
“Low“
VCMPL
T2A
T3A
T7
T15
VIN = 3.0Vp-p, 106kHz, Square wave (T7)
VIN = 3.0Vp-p, 13.5MHz, Square wave (T2A/T3A :
Opposite)
Measure the bottom of DC of output waveform.
SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 1, SW5 : 2, SW6 : 2
0
0.2
0.4
V
EVR characteristics 1
GEVR1
T22
T23
T18
VIN = 5.0Vp-p (13.5MHz)+28mVp-p (847kHz)
Measure the output level at Pin 18, Calculate
output/input ratio.
SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 1, SW5 : 1, SW6 : 2
24
30
dB
EVR characteristics 2
GEVR2
T22
T23
T18
VIN = 5.0Vp-p (13.5MHz)+28mVp-p (847kHz)
Measure the output level at Pin 18,
Calculate GEVR1 minus output level.
SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 1, SW5 : 2, SW6 : 2
14
16
18
dB
TAG DET output
VTAG
T22
T23
T10
VIN = 5.0Vp-p (13.5MHz)+28mVp-p (847kHz)
Measure the output level at Pin 18.
SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 1, SW5 : 1, SW6 : 2
2.5
3.0
3.1
Vp-p
TAG DET output “Low“
VTAGL
T22
T23
T10
VIN = 5.0Vp-p (13.5MHz)+28mVp-p (847kHz)
Measure the DC bottom level of output wave at Pin 18.
SW1 : 2, SW2 : 2, SW3 : 2, SW4 : 1, SW5 : 1, SW6 : 2
0
0.2
0.4
V
Type Switch ON voltage
TYPON
T11
T4
DC voltage that T4 sinks.
SW1 : Open, SW2 : 2, SW3 : 3, SW4 : 2, SW5 : 2,
SW6 : 2
0.0
1.3
V
Type Switch OFF
voltage
TYPOF
T11
T4
DC voltage that T4 opens.
SW1 : Open, SW2 : 2, SW3 : 3, SW4 : 2, SW5 : 2,
SW6 : 2
1.7
5.0
V
Power save ON voltage
PSON
T12
T20
DC voltage that DC current 1mA or less flows into T20.
SW1 : 2, SW2 : Open, SW3 : 3, SW4 : 2, SW5 : 2,
SW6 : 2
1.7
5.0
V
Power save OFF voltage
PSOFF
T12
T20
DC voltage that DC current 10mA or more flows into
T20.
SW1 : 2, SW2 : Open, SW3 : 3, SW4 : 2, SW5 : 2,
SW6 : 2
0.0
1.3
V




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LA4917HMonolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs 1 2 3 4 5 MoreSanyo Semicon Device
LA6502Monolithic Linear IC 5ch driver for CD and DVD Spindle driver : 3-phase linear sensor-less drive BTL 4ch 1 2 3 4 5 MoreSanyo Semicon Device
LA6541NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6548NDMonolithic Linear IC For CD Players and Recorders Four-Channel Driver IC 1 2 3 4 5 MoreSanyo Semicon Device
LA6245PMonolithic Linear IC For CD Player 4ch Bridge BTL Motor Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA6261DMonolithic Linear IC For Optical Disk Applications 6-chnnel Driver 1 2 3 4 5 MoreSanyo Semicon Device
LA7138MMonolithic Linear IC For the DVD Player Analog Video Signal I/F Driver 1 2 3 4 5 MoreSanyo Semicon Device
MN3611REColor CCD Linear Image Sensor with 720 Pixels each for R G and B Colors 1 2 3 4 5 MorePanasonic Semiconductor
MN3674Color CCD Linear Image Sensor with 512 Pixels for R and B Colors/1024 Pixels for G Color 1 2 3 4 5 MorePanasonic Semiconductor
FMPA2151_072.4-2.5GHz and 4.9-5.9GHz Dual Band Linear Power Amplifier Module 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl