Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST10F269Z1Q3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST10F269Z1Q3
Description  16-BIT MCU WITH MAC UNIT, 128K to 256K BYTE FLASH MEMORY AND 12K BYTE RAM
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z1Q3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST10F269Z1Q3 Datasheet HTML 3Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 4Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 5Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 6Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 7Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 8Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 9Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 10Page - STMicroelectronics ST10F269Z1Q3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 184 page
background image
ST10F269
2 - PIN DATA
7/184
2 - PIN DATA
Table 1 : Pin Description
Figure 2 : Pin Configuration (top view)
P6.0/CS0
P6.1/CS1
P6.2/CS2
P6.3/CS3
P6.4/CS4
P6.5/HOLD
P6.6/HLDA
P6.7/BREQ
P8.0/CC16IO
P8.1/CC17IO
P8.2/CC18IO
P8.3/CC19IO
P8.4/CC20IO
P8.6/CC22IO
P8.7/CC23IO
DC2
VSS
P7.0/POUT0
P7.1/POUT1
P7.2/POUT2
P7.3/POUT3
P8.5/CC21IO
RPD
P7.4/CC28I0
P7.5/CC29I0
P7.6/CC30I0
P7.7/CC31I0
P5.0/AN0
P5.1/AN1
P5.2/AN2
P5.3/AN3
P5.4/AN4
P5.5/AN5
P5.6/AN6
P5.7/AN7
P5.8/AN8
P5.9/AN9
P0H.0/AD8
P0L.7/AD7
P0L.6/AD6
P0L.5/AD5
P0L.4/AD4
P0L.3/AD3
P0L.2AD2
P0L.A/AD1
P0L.0/AD0
EA
ALE
READY
WR/WRL
RD
VSS
VDD
P4.7A23/CAN2_TxD
P4.6A22/CAN1_TxD
P4.5A21/CAN1_RxD
P4.4A20/CAN2_RxD
P4.3/A19
P4.2/A18
P4.1/A17
P4.0/A16
VSS
VDD
P3.15/CLKOUT
P3.13/SCLK
P3.12/BHE/WRH
P3.11/RXD0
P3.10/TXD0
P3.9/MTSR
P3.8/MRST
P3.7/T2IN
P3.6/T3IN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
ST10F269


Similar Part No. - ST10F269Z1Q3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F269Z2Q3 STMICROELECTRONICS-ST10F269Z2Q3 Datasheet
1Mb / 161P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269Z2Q6 STMICROELECTRONICS-ST10F269Z2Q6 Datasheet
1Mb / 161P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
More results

Similar Description - ST10F269Z1Q3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST10F269-T3 STMICROELECTRONICS-ST10F269-T3 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269 STMICROELECTRONICS-ST10F269 Datasheet
1Mb / 160P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F269Z2QX STMICROELECTRONICS-ST10F269Z2QX Datasheet
1Mb / 161P
   16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
ST10F280 STMICROELECTRONICS-ST10F280 Datasheet
1Mb / 186P
   16-BIT MCU WITH MAC UNIT, 512K BYTE FLASH MEMORY AND 18K BYTE RAM
ST10F168 STMICROELECTRONICS-ST10F168 Datasheet
897Kb / 74P
   16-BIT MCU WITH 256K BYTE FLASH MEMORY AND 8K BYTE RAM
ST10F167 STMICROELECTRONICS-ST10F167 Datasheet
549Kb / 69P
   16-BIT MCU WITH 128K BYTE FLASH MEMORY
ST10F280-AB STMICROELECTRONICS-ST10F280-AB Datasheet
31Kb / 4P
   16-Bit MCU with 512K Byte FLASH and 18K Byte RAM Memories
ST10F276-4TR3 STMICROELECTRONICS-ST10F276-4TR3 Datasheet
2Mb / 235P
   16-bit MCU with MAC unit 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F276 STMICROELECTRONICS-ST10F276_06 Datasheet
4Mb / 229P
   16-bit MCU with MAC unit, 832 Kbyte Flash memory and 68 Kbyte RAM
ST10F280 STMICROELECTRONICS-ST10F280_12 Datasheet
2Mb / 239P
   16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com