Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7130SA100PFGB Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT7130SA100PFGB
Description  HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130SA100PFGB Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT7130SA100PFGB Datasheet HTML 2Page - Integrated Device Technology IDT7130SA100PFGB Datasheet HTML 3Page - Integrated Device Technology IDT7130SA100PFGB Datasheet HTML 4Page - Integrated Device Technology IDT7130SA100PFGB Datasheet HTML 5Page - Integrated Device Technology IDT7130SA100PFGB Datasheet HTML 6Page - Integrated Device Technology IDT7130SA100PFGB Datasheet HTML 7Page - Integrated Device Technology IDT7130SA100PFGB Datasheet HTML 8Page - Integrated Device Technology IDT7130SA100PFGB Datasheet HTML 9Page - Integrated Device Technology IDT7130SA100PFGB Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
IDT7130SA/LA and IDT7140SA/LA
High-Speed 1K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
6
Data Retention Waveform
VCC
CE
4.5V
4.5V
DATA RETENTION MODE
tCDR
tR
VIH
VIH
VDR
VDR 2.0V
2692 drw 06
,
Data Retention Characteristics (LA Version Only)
NOTES:
1. VCC = 2V, TA = +25°C, and is not production tested.
2. tRC = Read Cycle Time
3. This parameter is guaranteed but not production tested.
7130LA/7140LA
Symbol
Parameter
Test Condition
Min.
Typ.(1)
Max.
Unit
VDR
VCC for Data Retention
2.0
___
___
V
ICCDR
Data Retention Current
VCC = 2.0V,
CE > VCC -0.2V
MIL. & IND.
___
100
4000
µA
COM'L.
___
100
1500
tCDR(3)
Chip Deselect to Data Retention Time
VIN > VCC -0.2V or VIN < 0.2V
0
___
___
ns
tR
(3)
Operation Recovery Time
tRC
(2)
___
___
ns
2689 tbl 07


Similar Part No. - IDT7130SA100PFGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7130SA100PF IDT-IDT7130SA100PF Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT7130SA100PFB IDT-IDT7130SA100PFB Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
More results

Similar Description - IDT7130SA100PFGB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_18 Datasheet
205Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com