Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65HVD32DRG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN65HVD32DRG4
Description  3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD32DRG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN65HVD32DRG4 Datasheet HTML 7Page - Texas Instruments SN65HVD32DRG4 Datasheet HTML 8Page - Texas Instruments SN65HVD32DRG4 Datasheet HTML 9Page - Texas Instruments SN65HVD32DRG4 Datasheet HTML 10Page - Texas Instruments SN65HVD32DRG4 Datasheet HTML 11Page - Texas Instruments SN65HVD32DRG4 Datasheet HTML 12Page - Texas Instruments SN65HVD32DRG4 Datasheet HTML 13Page - Texas Instruments SN65HVD32DRG4 Datasheet HTML 14Page - Texas Instruments SN65HVD32DRG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
Input
Generator
50 Ω
Generator:PRR=500kHz,50%DutyCycle,t r <6ns,tf <6ns,Zo =50 Ω
VO
1.5V
0V
1.5V
1.5V
3V
VOH
VOL
1.5V
10%
1.5V
tPLH
tPHL
tr
tf
90%
VI
VO
CL =15pF
±20%
C IncludesFixtureandInstrumentationCapacitance
L
A
B
RE
VI
R
0V
90%
10%
B
A
R
VO
50 W
VI
Input
Generator
C
L
=15 pF
±20%
C L IncludesFixtureand
InstrumentationCapacitance
Generator:PRR=500kHz,50%,DutyCycle,tr<6ns,t f <6ns,Z0 =50 W
RE
S1
1k W ±1%
A
B
VCC
V I
tPZH(1&2)
3V
1.5V
1.5V
tPHZ
0V
VO
1.5V
~0V
VOH
0.5V
1.5V
0V
B
A
R
VO
50 W
V
I
Input
Generator
CL =15 pF
±20%
C
L
IncludesFixture
andInstrumentation
Capacitance
Generator:PRR=500kHz,50%DutyCycle,t
r
<6ns,t
f
<6ns,Z
0
=50 W
RE
S1
1k W ±1%
A
B
VCC
VI
VO
3V
1.5V
1.5V
VCC
V OL
0.5V
0V
1.5V
tPZL(1&2)
tPLZ
0V
1.5V
B
A
R
100 W
±1%
+
-
PulseGenerator
15 msduration
1%DutyCycle
t ,t
100ns
r
f £
Z
Y
D
100 W
±1%
+
-
DE
0Vor3V
0Vor3V
RE
SN65HVD30 – SN65HVD39
SLLS665C – SEPTEMBER 2005 – REVISED JULY 2006
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 9. Receiver Switching Test Circuit and Voltage Waveforms
Figure 10. Receiver High-Level Enable and Disable Time Test Circuit and Voltage Waveforms
Figure 11. Receiver Enable Time From Standby (Driver Disabled)
Figure 12. Test Circuit, Transient Over Voltage Test
11
Submit Documentation Feedback


Similar Part No. - SN65HVD32DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD32DRG4 TI1-SN65HVD32DRG4 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
More results

Similar Description - SN65HVD32DRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD3086E TI-SN65HVD3086E Datasheet
419Kb / 15P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com