Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA42102 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LA42102
Description  Monolithic Linear IC Audio Output for TV application 10W2ch Power Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42102 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LA42102 Datasheet HTML 1Page - Sanyo Semicon Device LA42102 Datasheet HTML 2Page - Sanyo Semicon Device LA42102 Datasheet HTML 3Page - Sanyo Semicon Device LA42102 Datasheet HTML 4Page - Sanyo Semicon Device LA42102 Datasheet HTML 5Page - Sanyo Semicon Device LA42102 Datasheet HTML 6Page - Sanyo Semicon Device LA42102 Datasheet HTML 7Page - Sanyo Semicon Device LA42102 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA42102
No.A0494-6/8
0
20
40
60
80
100
120
0
2
4
6
8
10
12
14
16
18
20
4
8
12
16
14
16
10
12
18
– 70
0
0.5
10
23
5 7
23
5 7
23
5 7
23
5 7
100
1k
10k
100k
10
23
5 7
23
5 7
23
5 7
23
5 7
100
1k
10k
100k
Supply voltage, VCC –V
0.01
0.1
2
3
5
7
0.1
2
3
5
7
2
3
5
7
1.5
0.01
0.1
2
3
5
7
0.1
2
3
5
7
2
3
5
7
0.1
2
3
5
7
0.1
2
3
5
7
2
3
5
7
1.5
0.1
10
23
5 7
23
5 7
23
5 7
1
10
2
3
57
2
3
57
2
3
57
1
100
Output power, PO –W
Response – f
– 4.5
– 4.0
– 3.5
– 3.0
– 2.5
– 2.0
– 1.5
– 1.0
– 0.5
– 60
– 50
– 40
– 30
– 20
– 10
0
0.1
0.2
0.3
0.4
0
0.5
10
23
5 7
23
5 7
23
5 7
23
5 7
100
1k
10k
2 3
57
2 3
57
2 3
57
2 3
57
100
1k
10k
100k
Frequency, f – Hz
THD – f
VNO – Rg
0.01
10
10
100k
Frequency, f – Hz
Resistance for signal generation, Rg –
0.1
100
Output power, PO –W
818
Supply voltage, VCC –V
ICCO – VCC
Frequency, f – Hz
CHSep. – f
PO – VCC
THD – PO (ch1)
THD – PO (ch2)
RL = open
Rg = 0
THD = 10%
RL = 8Ω
Rg = 600
f = 1kHz
VCC = 14V
RL = 8Ω
Rg = 600
VCC = 14V
RL = 8Ω
Rg = 600
VO = 0dBm (f = 1kHz)
VCC = 14V
RL = 8Ω
Rg = 10k
VO = 0dBm
VCC = 14V
RL = 8Ω
BPF = 20Hz to 20kHz
VCC = 14V
RL = 8Ω
Rg = 600
PO = 1W
VCC = 14V
RL = 8Ω
Rg = 600
ch1
and
ch2
is
similar
1kHz
1kHz
10kHz
10kHz
100Hz
100Hz
ch2
ch2
ch2
ch1
ch1
ch1
CH1
→2
CH2
→1


Similar Part No. - LA42102

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
More results

Similar Description - LA42102

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
   Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA42101 SANYO-LA42101 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 10W 횞 1ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA42201 SANYO-LA42201 Datasheet
74Kb / 6P
   Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
LA4919N SANYO-LA4919N Datasheet
79Kb / 6P
   Monolithic Linear IC Two-Channel 10W BTL High-Efficiency TV Audio Output Power Amplifier
LA4917H SANYO-LA4917H Datasheet
96Kb / 8P
   Monolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com