Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA42201 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LA42201
Description  Monolithic Linear IC Audio Output for TV application BTL 20W Monaural Power Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA42201 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LA42201 Datasheet HTML 1Page - Sanyo Semicon Device LA42201 Datasheet HTML 2Page - Sanyo Semicon Device LA42201 Datasheet HTML 3Page - Sanyo Semicon Device LA42201 Datasheet HTML 4Page - Sanyo Semicon Device LA42201 Datasheet HTML 5Page - Sanyo Semicon Device LA42201 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LA42201
No.A0894-5/6
0
20
100
40
60
80
120
0
2
10
4
6
8
12
0
5
10
15
20
25
30
35
010
12
8
24
6
14
16
18
20
12
13
11
14
15
10
9
22
– 50
0
0
810
12
14
2 3
5 7 100 23 5 7 1k
23
5 7
2 3
5 7
10k
16
10
100k
0.01
0.1
2
3
5
7
1
2
3
5
7
0
2
3
5
7
10
0.01
0.1
2
3
5
7
1
2
3
5
7
2
3
5
7
10
0.1
2
3
5
7
23
5
7
23
5
7
1
23
5 7 100 23 5 7 1k
2 3
57
2 3
57
10k
100
10
Response – f
– 2
– 1.8
– 1.6
– 1.4
– 1.2
– 1
– 0.8
– 0.6
– 0.4
– 0.2
– 40
– 30
– 20
– 10
– 50
– 40
– 30
– 20
– 10
0.2
10
23
5 7
23
5 7
23
5 7
23
5 7
100
1k
10k
23
5 7
23
5 7
23
5 7
23
5 7
1k
10k
100k
VNO – Rg
SVRR – fr
0
0.1
0.2
0.3
0.4
10
100
100k
10
100k
816
ICCO/VN – VCC
SVRR – VCC
PO – VCC
THD – PO
THD – f
ICCO : RL = open
VN : RL = 4Ω
Rg = 0
Ω
THD = 10%
RL = 4Ω
Rg = 600
Ω
f = 1kHz
VCC = 13V
RL = 4Ω
Rg = 600
Ω
VCC = 13V
RL = 4Ω
Rg = 600
Ω
PO = 1W
VCC = 13V
RL = 4Ω
BPF = 20Hz to 20kHz
VCC = 13V
RL = 4Ω
Rg = 600
Ω
VO = 0dBm (f = 1kHz)
1kHz
10kHz
ICCO
V N
100Hz
RL = 4Ω
Rg = 0
Ω
fr = 100Hz
VCCR = 0dBm
CVCC (CVCC) = 1μF
VCC = 13V
RL = 4Ω
Rg = 0
Ω
VCCR = 0dBm
CVCC (CVCC) = 1μF
Supply voltage, VCC –V
Output power, PO –W
Frequency, f – Hz
Resistance for signal generation, Rg –
Ω
Ripple frequency, fr – Hz
Frequency, f – Hz
Supply voltage, VCC –V
Supply voltage, VCC –V


Similar Part No. - LA42201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA4220 SANYO-LA4220 Datasheet
211Kb / 5P
   3.5W AF POWER AMP
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
More results

Similar Description - LA42201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA42031 SANYO-LA42031 Datasheet
81Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W Monaural Power Amplifier
LA42210 SANYO-LA42210 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 10W 횞 2ch Power Amplifier
LA42105 SANYO-LA42105 Datasheet
80Kb / 7P
   Monolithic Linear IC Audio Output for TV application BTL 5W 횞 1ch Power Amplifier
LA4225 SANYO-LA4225 Datasheet
116Kb / 3P
   Audio Output for TV application 5W Monaural Power Amplifier
LA4917H SANYO-LA4917H Datasheet
96Kb / 8P
   Monolithic Linear IC Audio Output for TV application High-Effciency Two-Channel 7W BTL Power Amplifier ICs
LA4810M SANYO-LA4810M Datasheet
622Kb / 12P
   Monolithic Linear IC Stereo/Monaural BTL Power
LA42102 SANYO-LA42102 Datasheet
88Kb / 8P
   Monolithic Linear IC Audio Output for TV application 10W 횞 2ch Power Amplifier
LA42152 SANYO-LA42152 Datasheet
192Kb / 5P
   Monolithic Linear IC Audio Output for TV application 15W 횞 2ch Power Amplifier
LA42205 SANYO-LA42205 Datasheet
84Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
LA42032 SANYO-LA42032 Datasheet
85Kb / 7P
   Monolithic Linear IC Audio Output for TV application 5W 횞 2ch Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com