Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA73060V Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA73060V
Description  Monolithic Linear IC Wideband 75廓 Video Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73060V Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA73060V Datasheet HTML 1Page - Sanyo Semicon Device LA73060V Datasheet HTML 2Page - Sanyo Semicon Device LA73060V Datasheet HTML 3Page - Sanyo Semicon Device LA73060V Datasheet HTML 4Page - Sanyo Semicon Device LA73060V Datasheet HTML 5Page - Sanyo Semicon Device LA73060V Datasheet HTML 6Page - Sanyo Semicon Device LA73060V Datasheet HTML 7Page - Sanyo Semicon Device LA73060V Datasheet HTML 8Page - Sanyo Semicon Device LA73060V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical Characteristics at Ta = 25°C, VCC = 5V
Ratings
Parameter
Symbol
SIG
Level
[Vp-p]
Freq.
[Hz]
IN
point
OUT
point
Conditions
min
typ
max
Unit
Current dissipation 1
ICC1
No signal.
69.0
87.0
105.0
mA
Current dissipation 2
ICC2
Standby mode,No signal.
0.3
0.4
0.5
mA
Reguratur voltage
REG3V
T27
2.8
3.0
3.2
V
Voltage gain 1
VG1
1
0.3
100k
T4A
T6A
T14A
T12A
T14A
T16A
T1
T35
T22
T30
T28
T26
Output gain.
5.5
6.0
6.5
dB
Voltage gain 2
VG2
3
0.3
100k
T8A
T12A
T16A
T32
T24
T19
Output gain.
5.5
6.0
6.5
dB
Frequency
characteristics 1
(CV,Y,Py,R,G,B)
VF1 (SD)
1
0.3
6M
T4A
T6A
T14A
T12A
T14A
T16A
T1
T35
T22
T30
T28
T26
6MHz LPF is selected.
f = 6MHz / 100kHz.
-3
0.0
3
dB
Frequency
characteristics 2
(C,Pr,Pb)
VF2 (SD)
3
0.3
6M
T8A
T12A
T16A
T32
T24
T19
6MHz LPF is selected.
f = 6MHz / 100kHz.
-3
0.0
3
dB
Frequency
characteristics 3
(CV,Y,Py,R,G,B)
VF3 (SD)
1
0.3
27M
T4A
T6A
T14A
T12A
T14A
T16A
T1
T35
T22
T30
T28
T26
6MHz LPF is selected.
f = 27MHz / 100kHz.
-40
-35
dB
Frequency
characteristics 4
(C,Pr,Pb)
VF4 (SD)
3
0.3
27M
T8A
T12A
T16A
T32
T24
T19
6MHz LPF is selected.
f = 27MHz / 100kHz.
-40
-35
dB
Frequency
characteristics 5
VF5 (HD)
1
0.3
20M
T14A
T12A
T14A
T16A
T22
T30
T28
T26
30MHz LPF is selected.
f =20MHz / 100kHz.
-1
0.0
1
dB
Frequency
characteristics 6
VF6 (HD)
3
0.3
20M
T12A
T16A
T24
T19
30MHz LPF is selected.
f = 20MHz / 100kHz.
-1
0.0
1
dB
Frequency
characteristics 7
VF7 (HD)
1
0.3
30M
T14A
T12A
T14A
T16A
T22
T30
T28
T26
30MHz LPF is selected.
f = 30MHz / 100kHz.
-5
-2.5
0
dB
Frequency
characteristics 8
VF8 (HD)
3
0.3
30M
T12A
T16A
T24
T19
30MHz LPF is selected.
f = 30MHz / 100kHz.
-5
-2.5
0
dB
Frequency
characteristics 9
VF9 (HD)
1
0.3
75M
T14A
T12A
T14A
T16A
T22
T30
T28
T26
30MHz LPF is selected.
f = 75MHz / 100kHz.
-40
-35
dB
Frequency
characteristics 10
VF10 (HD)
3
0.3
75M
T12A
T16A
T24
T19
30MHz LPF is selected.
f = 75MHz / 100kHz.
-40
-35
dB
Continued on next page.


Similar Part No. - LA73060V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
LA73065VA SANYO-LA73065VA Datasheet
112Kb / 9P
   Monolithic Linear IC For wideband 75廓 Video Driver
More results

Similar Description - LA73060V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73065VA SANYO-LA73065VA Datasheet
112Kb / 9P
   Monolithic Linear IC For wideband 75廓 Video Driver
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
ENA0241 SANYO-ENA0241 Datasheet
253Kb / 6P
   Monolithic Linear IC 6ch 75ohm Video Driver
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
LA7605M SANYO-LA7605M Datasheet
188Kb / 3P
   Monolithic Linear IC Video Signal Processor
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
logo
Unisonic Technologies
V2267 UTC-V2267_12 Datasheet
265Kb / 8P
   DUAL VIDEO 6dB AMPLIFIER WITH 75廓 DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com