Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA73062V Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA73062V
Description  Monolithic Linear IC Video Driver for Wideband
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73062V Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA73062V Datasheet HTML 1Page - Sanyo Semicon Device LA73062V Datasheet HTML 2Page - Sanyo Semicon Device LA73062V Datasheet HTML 3Page - Sanyo Semicon Device LA73062V Datasheet HTML 4Page - Sanyo Semicon Device LA73062V Datasheet HTML 5Page - Sanyo Semicon Device LA73062V Datasheet HTML 6Page - Sanyo Semicon Device LA73062V Datasheet HTML 7Page - Sanyo Semicon Device LA73062V Datasheet HTML 8Page - Sanyo Semicon Device LA73062V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LA73062V
No.A0909-4/12
Pin Control Table
Control voltage
SW No.
IN_Pin No.
OUT_Pin No.
SW function name
High (2.3V to VCC)
Open
Low (0 to 0.7V)
SW1
Pin3
SD_MUTE_CTL
SD_MUTE_OFF
SD_MUTE_ON
SW2
Pin7
Power_Save_CTL
Power_Save_OFF
Power_Save_ON
SW3
Pin11
Input_CTL
CLAMP_ON
(RGB_Mode)
BIAS_ON (Component_Mode)
SW4
Pin14
Filter_CTL
12MHz_LPF_ON
30MHz_LPF_ON
SW5
Pin16
HD_MUTE_CTL
HD_MUTE_OFF
HD_MUTE_ON
S_DC
Pin6
Pin31
S_DET
High (4.0V to VCC)
Midd (1.8 to 2.4V)
Low (0 to 0.5V)
D_L1
Pin8
Pin29
D_LINE1
High (4.0V to VCC)
Midd (1.8 to 2.4V)
Low (0 to 0.5V)
D_L2
Pin9
Pin28
D_LINE2
High (4.0V to VCC)
Low (0 to 0.5V)
D_L3
Pin10
Pin27
D_LINE3
High (4.0V to VCC)
Midd (1.8 to 2.4V)
Low (0 to 0.5V)
Package Dimensions
unit : mm (typ)
3247A
SANYO : SSOP36(275mil)
1
36
18
19
0.8
15.0
0.2
0.3
(0.7)


Similar Part No. - LA73062V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73060V SANYO-LA73060V Datasheet
399Kb / 10P
   Monolithic Linear IC Wideband 75廓 Video Driver
LA73065VA SANYO-LA73065VA Datasheet
112Kb / 9P
   Monolithic Linear IC For wideband 75廓 Video Driver
More results

Similar Description - LA73062V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73065VA SANYO-LA73065VA Datasheet
112Kb / 9P
   Monolithic Linear IC For wideband 75廓 Video Driver
LA73060V SANYO-LA73060V Datasheet
399Kb / 10P
   Monolithic Linear IC Wideband 75廓 Video Driver
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
ENA0241 SANYO-ENA0241 Datasheet
253Kb / 6P
   Monolithic Linear IC 6ch 75ohm Video Driver
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
LA72730 SANYO-LA72730 Datasheet
121Kb / 8P
   Monolithic Linear IC For TV Audio/Video Switch
LA7605M SANYO-LA7605M Datasheet
188Kb / 3P
   Monolithic Linear IC Video Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com