Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA73074CL Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LA73074CL
Description  Monolithic Linear IC Video Driver for DSC/Cell Phone
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73074CL Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LA73074CL Datasheet HTML 1Page - Sanyo Semicon Device LA73074CL Datasheet HTML 2Page - Sanyo Semicon Device LA73074CL Datasheet HTML 3Page - Sanyo Semicon Device LA73074CL Datasheet HTML 4Page - Sanyo Semicon Device LA73074CL Datasheet HTML 5Page - Sanyo Semicon Device LA73074CL Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
90507 TI IM B8-8589, 8974, 20051226-S00014 No.A0910-1/6
LA73074CL
Overview
The LA73074CL is a low voltage drive (2.7V to 3.6V) video driver developed for portable appliances including digital
still cameras and cell phones. It incorporates a minus-voltage generator that allows the LA73074CL to generate its output
with the pedestal voltage set to 0V, so that no output coupling capacitor is required. This enables substantial reduction in
mounting space without concerned about V-sag.
Features
• Output coupling capacity not required
• Low-voltage drive (VCC = 2.7V to 3.6V)
• Νο V-sag
• Sextic LPF incorporated (fc = 7.5MHz)
• Current drain of 0µA in the standby mode
• Amplifier gain selectable from three options (6, 12, and 9dB) (Pin control (GND/Open/VCC))
• Output drive capable of covering maximum 75Ω output, one channel
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
4.0
V
Allowable power dissipation
Pd max
Ta
≤ 80°C, *Mounted on a specified board
160
mW
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
*: Mounted on a specified board: 10mm
×20mm×0.8mm, Paper phenol
Ordering number : ENA0910
Monolithic Linear IC
Video Driver for DSC/Cell Phone
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LA73074CL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73072CL SANYO-LA73072CL Datasheet
311Kb / 5P
   LA73072CL
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
logo
ON Semiconductor
LA73076V ONSEMI-LA73076V Datasheet
159Kb / 7P
   Video Driver
July, 2013
logo
Sanyo Semicon Device
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
More results

Similar Description - LA73074CL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LV8411GR SANYO-LV8411GR_12 Datasheet
145Kb / 7P
   For DSC, and Cell Phone Camera Modules 4-channel Single-chip Motor Driver IC
LA73065VA SANYO-LA73065VA Datasheet
112Kb / 9P
   Monolithic Linear IC For wideband 75廓 Video Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com