Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA73079CL Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LA73079CL
Description  Monolithic Linear IC Video Driver for DSC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73079CL Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LA73079CL Datasheet HTML 1Page - Sanyo Semicon Device LA73079CL Datasheet HTML 2Page - Sanyo Semicon Device LA73079CL Datasheet HTML 3Page - Sanyo Semicon Device LA73079CL Datasheet HTML 4Page - Sanyo Semicon Device LA73079CL Datasheet HTML 5Page - Sanyo Semicon Device LA73079CL Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LA73079CL
No.A0912-4/6
Pin Functions
Pin No
Symbol
Voltage
Description
Equivalent Circuit
1
AGND
0V
Analog GND
2
GAINCTL
1.2V
Gain select pin
Control of Pin2
GAIN
H(VCC)
16dB
M(OPEN)
12dB
L(GND)
6dB
3
VIN
1.1V
Video input terminal
(Sync-chip clamp
(input High-impedance))
4
PSAVCTL
VCC
or
0V
Power save mode select pin
Control of Pin4
MODE
H(VCC)
OPEN
or
VCC±0.5V
STANDBY
L(GND)
0V to 0.3V
ACTIVE
5
GND
0V
Continued on next page.
GND
VCC
2k
0.72V
1.2V
REF
2.16V
BUF
10
2
5
10
3
5
VCC
VIN
GND
200
Ω 200Ω
26k
Active: ON
Standby: OFF
2k
2k
VCC
GND
50k
50k
50k
4k
10
4
5
PSAVCTL
2k
GAIN SET: 6dB
⇒1.0Vp-p
GAIN SET: 12dB
⇒500mVp-p
GAIN SET: 16dB
⇒317mVp-p
1.05V


Similar Part No. - LA73079CL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73072CL SANYO-LA73072CL Datasheet
311Kb / 5P
   LA73072CL
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
logo
ON Semiconductor
LA73076V ONSEMI-LA73076V Datasheet
159Kb / 7P
   Video Driver
July, 2013
More results

Similar Description - LA73079CL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
   Monolithic Linear IC Video Driver for DSC
LA74310LP SANYO-LA74310LP Datasheet
282Kb / 22P
   Monolithic Linear IC Audio Interface for DSC Video Driver
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
   Monolithic Linear IC Video Driver for DSC/Cell Phone
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
   Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
LA73062V SANYO-LA73062V Datasheet
218Kb / 12P
   Monolithic Linear IC Video Driver for Wideband
LA74303FN SANYO-LA74303FN Datasheet
215Kb / 18P
   Monolithic Linear IC Audio Interface for DSC
LA74308LP SANYO-LA74308LP Datasheet
191Kb / 16P
   Monolithic Linear IC Audio Interface for DSC
LA74302FN SANYO-LA74302FN Datasheet
152Kb / 12P
   Monolithic Linear IC Audio Interface for DSC
LA73065VA SANYO-LA73065VA Datasheet
112Kb / 9P
   Monolithic Linear IC For wideband 75廓 Video Driver
ENA0241 SANYO-ENA0241 Datasheet
253Kb / 6P
   Monolithic Linear IC 6ch 75ohm Video Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com