Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA76835NM Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA76835NM
Description  Monolithic Linear IC For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection Implemented in a Single Chip
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA76835NM Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA76835NM_07 Datasheet HTML 1Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 2Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 3Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 4Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 5Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 6Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 7Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 8Page - Sanyo Semicon Device LA76835NM_07 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
LA76835NM
No.7962-2/50
Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
V5
5.0
V
V32
5.0
V
V53
5.0
V
Recommended supply voltage
V74
9.0
V
I17
19
mA
Recommended supply current
I29
29
mA
V5 op
4.7 to 5.3
V
V32 op
4.7 to 5.3
V
V53 op
4.7 to 5.3
V
Operating supply voltage range
V74 op
8.7 to 9.3
V
I19 op
26 to 32
mA
Operating supply current range
I26 op
24 to 33
mA
Electrical Characteristics Ta = 25
°C, VCC1 = V5 = V53 = 5.0V, VCC2 = V74 = 9.0V, ICC1 = I17 = 19mA,
ICC2 = I29 = 29mA
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Circuit voltage, current
IF supply current
I5
V5 = 5V, V76 = 2.5V
42.0
50.0
58.0
mA
RGB supply voltage
V17
I17 = 19mA
8.0
V
Horizontal supply voltage
V29
I29 = 29mA
5.0
V
Video/Vertical supply current
I53
I53 = 5V
94.0
mA
CPU Reset operating voltage
VReset
3.2
3.6
4.0
V
FM supply current
I74
V74 = 9V
7.0
8.0
9.0
mA
VIF block
Maximum RFAGC voltage
VRFH
CW = 80dB
µ, DAC = 0
8.5
9.0
Vdc
Minimum RFAGC voltage
VRFL
CW = 80dB
µ, DAC = 63
0.0
0.2
0.7
Vdc
RF AGC Delay Pt (@DAC = 0)
RFAGC0
DAC = 0
95
dB
µ
RF AGC Delay Pt (@DAC = 63)
RFAGC63
DAC = 63
85
dB
µ
Input sensitivity
Vi
Output-3db
45
50
dB
µ
No-signal video output voltage
VOn
No signal IFAGC = “1”
2.9
3.3
3.7
Vdc
Sync signal tip level
VOtip
CW = 80dB
µ
1.4
1.7
2.0
Vdc
Video output amplitude
VO
80dB
µ, AM = 78%, fm = 15kHz
1.3
1.4
1.5
Vp-p
Video S/N
S/N
CW = 80dB
µ
43
47
dB
C-S beat level
IC-S
V3.58MHz/V920kHz
54
60
dB
Differential gain
DG
80dB
µ, 87.5% Video MOD
3.0
8.0
%
Differential phase
DP
80dB
µ, 87.5% Video MOD
1.0
8.0
deg
Maximum AFT output voltage
VAFTH
CW = 80dB
µ, frequency variations
4.3
4.8
5.0
Vdc
Minimum AFT output voltage
VAFTL
CW = 80dB
µ, frequency variations
0.0
0.2
0.7
Vdc
AFT detection sensitivity
VAFTS
CW = 80dB
µ, frequency variations
15.0
25.0
35.0
mV/kHz
APC pull-in range (U)
fPU
CW = 80dB
µ, frequency variations
1.0
MHz
APC pull-in range (L)
fPL
CW = 80dB
µ, frequency variations
1.0
MHz
SIF block
FM detection output voltage
SOADJ
205
260
330
mVrms
FM limiting sensitivity
SLS
Output -3dB
48
54
dB
µ
FM detection output
f characteristics
SF
fm = 100kHz
-0.5
3.0
6.0
dB
FM detection output distortion
STHD
FM =
±25kHz
1.0
%
AM rejection ratio
SAMR
AM = 30%
48
57
dB
SIF S/N
SSN
DIN.Andio
57
62
dB
De-emph time constant
SNTC
fm = 2.12kHz
1.5
2.5
3.5
dB
Continued on next page.


Similar Part No. - LA76835NM_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA76835NM SANYO-LA76835NM Datasheet
463Kb / 3P
   Monolithic Linear IC I2C Bus Control IC
More results

Similar Description - LA76835NM_07

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV76213A2F SANYO-LV76213A2F Datasheet
586Kb / 45P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV76213A2C SANYO-LV76213A2C Datasheet
572Kb / 44P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766106F SANYO-LV766106F Datasheet
548Kb / 41P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766116F SANYO-LV766116F Datasheet
565Kb / 43P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766106C SANYO-LV766106C Datasheet
546Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV766116C SANYO-LV766116C Datasheet
552Kb / 42P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LV76223A3F SANYO-LV76223A3F Datasheet
603Kb / 47P
   For PAL/NTSC/SECAM Color Television Sets VIF/SIF/Y/C/Deflection /CbCr IN Implemented in a Single Chip
LA76810A SANYO-LA76810A Datasheet
429Kb / 40P
   For PAL/NTSC Color Television Sets VIF/SIF/Y/Deflection 1chip IC
logo
Mitsubishi Electric Sem...
M52778SP MITSUBISHI-M52778SP Datasheet
310Kb / 37P
   VIF, SIF, VIDEO, CHROMA, DEFLECTION FOR PAL/NTSC
logo
Renesas Technology Corp
M52778SP RENESAS-M52778SP Datasheet
14Mb / 38P
   VIF,SIF,VIDEO,CHROMA,DEFLECTION FOR PAL/NTSC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com