Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPI1280-040 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPI1280-040
Description  Fiber Optic Isolator-Phototransistor Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPI1280-040 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPI1280-040 Datasheet HTML 1Page - OPTEK Technologies OPI1280-040 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
08/07
Page 2 of 2
Fiber Optic Isolator—Phototransistor Sensor
OPI1280 Series
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Storage Temperature Range (note 4)
-40
o C to +80o C
Operating Temperature Range (note 4)
-20° C to +75° C
Power Dissipation
(2)
100 mW
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C
(1)
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
LED (See OP240 for additional information)
VF
On-State Collector Current
0.9
-
1.5
V
IF = 20 mA
IR
Collector-Dark Current
-
-
80
µA
VR = 3.0 V
SENSOR—Phototransistor (See OP240 for additional information)
ICEO
Collector Dark Current
-
-
50
nA
VCE = 10 V, EE = 0
V(BR)CEO
Collector-Emitter Breakdown Voltage
33
-
-
V
IC = 100 µA, EE = 0
V(BR)ECO
Emitter-Collector Breakdown Voltage
5.5
-
-
V
IE = 100 µA, EE = 0
COUPLED
IC(ON)
0.36
-
-
mA
VCE = 5 V, IF = 10 mA
IISO
(3)
-
-
1.0
µA
I @ 7 KV RMS, 25° C, Test Duration = 2 sec.
Output Current vs Forward Current vs Temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
5
10
15
20
25
30
35
40
Forward Current ( mA)
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
100°C
Normalized IF = 10mA, Vce = 5V, Ta = 20°C
Notes:
1. RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering. A maximum 20 grams force
may be applied to the leads when soldering.
2. Derate linearly 1.33 mW/° C above 25° C.
3. Isolation voltage testing is required.
4. Storage and Operating temperature values are based on the plastic optical interface temperature ratings. Please reference UL1577
and UL file AVLVZ.E89328


Similar Part No. - OPI1280-040

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPI1280-018 TTELEC-OPI1280-018 Datasheet
622Kb / 3P
   Fider Optic Isolator-Phototransistor Snsor
OPI1280-026 TTELEC-OPI1280-026 Datasheet
622Kb / 3P
   Fider Optic Isolator-Phototransistor Snsor
OPI1280-032 TTELEC-OPI1280-032 Datasheet
622Kb / 3P
   Fider Optic Isolator-Phototransistor Snsor
OPI1280-066 TTELEC-OPI1280-066 Datasheet
622Kb / 3P
   Fider Optic Isolator-Phototransistor Snsor
OPI1280-080 TTELEC-OPI1280-080 Datasheet
622Kb / 3P
   Fider Optic Isolator-Phototransistor Snsor
More results

Similar Description - OPI1280-040

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPI1290 OPTEK-OPI1290 Datasheet
151Kb / 2P
   Fiber Optic Isolator-Photologic Sensor
logo
TT Electronics.
OPI1290 TTELEC-OPI1290 Datasheet
640Kb / 2P
   Fiber Optic Isolator - Photologic짰 Sensor
logo
OPTEK Technologies
OP1270 OPTEK-OP1270 Datasheet
253Kb / 2P
   Axial Fiber Optic Isolator
logo
TT Electronics.
OPI1270 TTELEC-OPI1270 Datasheet
290Kb / 2P
   Axial Fiber Optic Isolator
OPI1280 TTELEC-OPI1280 Datasheet
622Kb / 3P
   Fider Optic Isolator-Phototransistor Snsor
logo
Omron Electronics LLC
E3XA51 OMRON-E3XA51 Datasheet
205Kb / 17P
   Fiber-Optic Photoelectric Sensor
logo
List of Unclassifed Man...
EF1801NPAS ETC2-EF1801NPAS Datasheet
139Kb / 3P
   Photoelectrics Fiber Optic Sensor
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com