Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11691 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB11691
Description  Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11691 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB11691 Datasheet HTML 1Page - Sanyo Semicon Device LB11691 Datasheet HTML 2Page - Sanyo Semicon Device LB11691 Datasheet HTML 3Page - Sanyo Semicon Device LB11691 Datasheet HTML 4Page - Sanyo Semicon Device LB11691 Datasheet HTML 5Page - Sanyo Semicon Device LB11691 Datasheet HTML 6Page - Sanyo Semicon Device LB11691 Datasheet HTML 7Page - Sanyo Semicon Device LB11691 Datasheet HTML 8Page - Sanyo Semicon Device LB11691 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LB11691
No.A0879-3/21
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Charge pump output (VB pin)
Output voltage
VBOUT
46.0
48.0
50.5
V
CP1 pin
Output H-level voltage
VOH (CP1)
ICP1 = -2mA
VCC-1.9
VCC-1.4
V
Output L-level voltage
VOL (CP1)
ICP1 = 2mA
1.5
2.0
V
Integrating amplifier
Input offset voltage
VIO (CONT)
-10
10
mV
Input bias current
IB (CONT)
-1
1
μA
Common-phase input voltage range
VICM
0
V5-1.7
V
Output H-level voltage
VOH (CONT)
ITOC = -0.2mA
V5-1.1
V5-0.8
V
Output L-level voltage
VOL (CONT)
ITOC = 0.2mA
0.8
1.1
V
Open loop gain
f (CONT) = 1kHz
45
51
dB
PWM oscillator (PWM pin)
Output H-level voltage
VOH (PWM)
2.75
3.0
3.25
V
Output L-level voltage
VOL (PWM)
1.0
1.2
1.3
V
External C charge current
ICHG
VPWM = 2.1V
-35
-25
-19
μA
Oscillation frequency
f (PWM)
C = 270pF
29
36
44
kHz
Amplitude
V (PWM)
1.6
1.8
2.1
Vp-p
TOC pin
Input voltage 1
VTOC1
Output duty 100%
2.72
3.0
3.30
V
Input voltage 2
VTOC2
Output duty 0%
0.99
1.2
1.34
V
Input voltage 1L
VTOC1L
Design target value*, 100% at V5 = 4.7V
2.72
2.80
2.90
V
Input voltage 2L
VTOC2L
Design target value*, 0% at V5 = 4.7V
0.99
1.08
1.17
V
Input voltage 1H
VTOC1H
Design target value*, 100% at V5 = 5.3V
3.08
3.20
3.30
V
Input voltage 2H
VTOC2H
Design target value*, 0% at V5 = 5.3V
1.11
1.22
1.34
V
Current limiting circuit (RF pin)
Limiter voltage
VRF
85
100
115
mV
Low-voltage protective circuit (LVS pin)
Operating voltage
VSDL
3.65
3.85
4.05
V
Cancellation voltage
VSDH
4.15
4.35
4.55
V
Hysteresis width
ΔVSD
0.35
0.5
0.65
V
Heat shielding operation (overheat protection circuit)
Heat shielding operation
temperature
TSD
Design target value*
(junction temperature)
150
170
°C
Hysteresis width
ΔTSD
Design target value*
(junction temperature)
40
°C
CSD circuit (CSD pin)
Output H-level voltage
VOH (CSD)
3.2
3.6
4.0
V
Output L-level voltage
VOL (CSD)
0.9
1.1
1.3
V
External C charge current
ICHG1
VCSD = 2.35V
-14
-10
-6
μA
External C discharge current
ICHG2
VCSD = 2.35V
7
11
15
μA
Oscillation frequency
f (CSD)
C = 0.01
μF
180
Hz
Amplitude
V (CSD)
2.2
2.5
2.75
Vp-p
Reset circuit (RES pin)
Reset operating voltage
VRESL
1.17
1.27
1.37
V
Reset canceling voltage
VRESH
1.37
1.5
1.63
V
Hysteresis width
ΔVRES
0.20
0.23
0.26
V
HP pin
Output saturation voltage
VHPL
IO = 3mA
0.15
0.5
V
Output leak current
IHP leak
VHP = 42V
10
μA
* : Design target values and not tested.
Continued on next page.


Similar Part No. - LB11691

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
More results

Similar Description - LB11691

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11690 SANYO-LB11690 Datasheet
201Kb / 19P
   Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11697V SANYO-LB11697V Datasheet
344Kb / 14P
   Monolithic Digital IC Brushless Motor Driver IC
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
LV8138V SANYO-LV8138V Datasheet
269Kb / 19P
   Bi-CMOS IC For Brushless Motor Drive Sine wave PWM Drive, Pre driver IC
LV8827LF SANYO-LV8827LF Datasheet
220Kb / 13P
   For Brushless Motor Drive PWM Driver IC
LV8829LF SANYO-LV8829LF Datasheet
270Kb / 13P
   For Brushless Motor Drive PWM Driver IC
logo
ON Semiconductor
LV8829LFQA-NH ONSEMI-LV8829LFQA-NH Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
LV8827LFQA ONSEMI-LV8827LFQA Datasheet
232Kb / 13P
   For Brushless Motor Drive PWM Driver IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com