Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPI113 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPI113
Description  Optically Coupled Isolator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPI113 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPI113 Datasheet HTML 1Page - OPTEK Technologies OPI113 Datasheet HTML 2Page - OPTEK Technologies OPI113 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
05/07
Page 2 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optically Coupled Isolator
OPI110, OPI113, OPI1264 Series
2
3
1
4
OPI113
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage Temperature
(1)(2)
-40° C to +100° C
Operating Temperature
-40° C to +85° C
Input-to-Output Isolation Voltage
± 10 kVDC
Lead Soldering Temperature (1/16” (1.6 mm) from case for 5 seconds with soldering iron)
(3)
260° C
Input Diode
Forward DC Current
(4)
40 mA
Reverse DC Voltage
2 V
Power Dissipation
(5)
50 mW
Output Photosensor
Collector-Emitter Voltage
OPI110, OPI1264
OPI113
30
15
Power Dissipation
(6)
100 mW
Emitter-Collector Voltage
5
Notes:
(1)
Measured with input and output leads shorted. Typical input/output capacitance is 0.06 pF.
(2)
UL recognition is for 3500 VAC for one minute.
(3)
RMA flux is recommended. The duration can be extended to 10 seconds maximum when flow soldering.
(4)
Derate linearly 0.67 mA/°C above 25°C.
(5)
Derate linearly 0.83 mA/°C above 25°C.
(6)
Derate linearly 1.67 mA/°C above 25°C.
OPI1264
1
4
2
3
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
OPI110
1
4
2
3


Similar Part No. - OPI113

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPI113 OPTEK-OPI113 Datasheet
231Kb / 2P
   OPTICALLY COUPLED ISOLATORS
More results

Similar Description - OPI113

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPI150 TTELEC-OPI150 Datasheet
300Kb / 4P
   Optically Coupled Isolator / High Speed Optically Coupled Isolator
logo
ISOCOM COMPONENTS
4N35 ISOCOM-4N35 Datasheet
78Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CNX72A ISOCOM-CNX72A_10 Datasheet
753Kb / 3P
   OPTICALLY COUPLED ISOLATOR
CQY80X ISOCOM-CQY80X_10 Datasheet
771Kb / 3P
   OPTICALLY COUPLED ISOLATOR
H11AV1X ISOCOM-H11AV1X_08 Datasheet
77Kb / 3P
   OPTICALLY COUPLED ISOLATOR
logo
Bedford Opto Technology...
OPI3000P BOT-OPI3000P_11 Datasheet
36Kb / 2P
   Optically Coupled Isolator
logo
Fairchild Semiconductor
FCD820 FAIRCHILD-FCD820 Datasheet
80Kb / 2P
   OPTICALLY-COUPLED ISOLATOR
logo
TT Electronics.
OPI7002 TTELEC-OPI7002 Datasheet
582Kb / 3P
   Optically Coupled Isolator
logo
OPTEK Technologies
3C92C OPTEK-3C92C Datasheet
230Kb / 2P
   OPTICALLY COUPLED ISOLATOR
logo
List of Unclassifed Man...
K102P ETC1-K102P Datasheet
364Kb / 7P
   Optically Coupled Isolator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com