Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11697V Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB11697V
Description  Monolithic Digital IC Brushless Motor Driver IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11697V Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB11697V Datasheet HTML 1Page - Sanyo Semicon Device LB11697V Datasheet HTML 2Page - Sanyo Semicon Device LB11697V Datasheet HTML 3Page - Sanyo Semicon Device LB11697V Datasheet HTML 4Page - Sanyo Semicon Device LB11697V Datasheet HTML 5Page - Sanyo Semicon Device LB11697V Datasheet HTML 6Page - Sanyo Semicon Device LB11697V Datasheet HTML 7Page - Sanyo Semicon Device LB11697V Datasheet HTML 8Page - Sanyo Semicon Device LB11697V Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN8412A
32207 TI PC / 12006 MH OT B8-9000 No.8412-1/14
Overview
The LB11697V is a direct PWM drive predriver IC designed for three-phase power brushless motors. A motor driver
circuit with the desired output power (voltage and current) can be implemented by adding discrete transistors in the
output circuits. Furthermore, the LB11697V provides a full complement of protection circuits allowing it to easily
implement high-reliability drive circuits. Note that the LB11697V is a modified version of the LB11696V in which the
output logic has been optimized for 12 V system motors. This allows the number of external components to be reduced
in application circuits.
Features
• Three-phase bipolar drive
• Direct PWM drive (controlled either by control voltage or PWM variable duty pulse input)
• Built-in forward/reverse switching circuit
• Start/stop mode switching circuit (stop mode power saving function)
• Built-in input amplifier
• 5 V regulator output (VREG pin)
• Current limiter circuit (Supports 0.25 V (typical) reference voltage sensing based high-precision detection)
• Undervoltage protection circuit (The operating voltage can be set with a zener diode)
• Automatic recovery type constraint protection circuit with protection operating state discrimination output (RD pin)
• Four types of Hall signal pulse outputs
• Supports thermistor based thermal protection of the output transistors
SANYO Semiconductors
DATA SHEET
LB11697V
Monolithic Digital IC
Brushless Motor Driver IC
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - LB11697V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
   Direct PWM Drive Brushless Motor Predriver IC
July, 2013
More results

Similar Description - LB11697V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11620T SANYO-LB11620T Datasheet
133Kb / 11P
   Monolithic Digital IC Brushless Motor Driver
LB11620GP SANYO-LB11620GP Datasheet
204Kb / 13P
   Monolithic Digital IC Brushless Motor Driver
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
LB11681H SANYO-LB11681H Datasheet
109Kb / 11P
   Monolithic Digital IC PWM Three-phase Brushless Motor Driver
LB1801CL SANYO-LB1801CL Datasheet
89Kb / 9P
   Monolithic Digital IC Stepping Motor Driver IC
LB1800CL SANYO-LB1800CL Datasheet
80Kb / 8P
   Monolithic Digital IC Stepping Motor Driver IC
LB1909MC SANYO-LB1909MC Datasheet
95Kb / 4P
   Monolithic Digital IC Stepping Motor Driver IC
LB1935T SANYO-LB1935T Datasheet
485Kb / 6P
   Monolithic Digital IC Stepping Motor Driver IC
LB11691H SANYO-LB11691H Datasheet
206Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
LB11691 SANYO-LB11691 Datasheet
205Kb / 21P
   Monolithic digital IC Pre-Driver IC for Brushless Motor Drive in Electric Bicycles
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com