Electronic Components Datasheet Search |
|
LB11872V Datasheet(PDF) 1 Page - Sanyo Semicon Device |
|
LB11872V Datasheet(HTML) 1 Page - Sanyo Semicon Device |
1 / 12 page 21407 MS IM 20060614-S00001 / 81006 MH IM 20060213-S00001 No.A0367-1/12 LB11872V Overview The LB11872V is a three-phase brushless motor driver developed for driving the motors used for the polygonal mirror in laser printers and similar applications. It can implement, with a single IC chip, all the circuits required for polygonal mirror drive, including speed control and driver functions. The LB11872V can implement motor drive within minimal drive noise due to its use of current linear drive. Note that the LB11872V differs from the LB11872H only in the package. Functions and features • Three-phase bipolar current linear drive + midpoint control circuit • PLL speed control circuit • Speed is controlled by an external clock signal. • Supports Hall FG operation. • Built-in output saturation prevention circuit • Phase lock detection output (with masking function) • Includes current limiter, thermal protection, rotor constraint protection, and low-voltage protection circuits on chip. • On-chip output diodes. Ordering number : ENA0367A Monolithic Digital IC For Polygonal Mirror Motors Scanner Driver IC Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer 's products or equipment. To verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer 'sproductsor equipment. Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment (home appliances, AV equipment, communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. If you should intend to use our products for applications outside the standard applications of our customer who is considering such use and/or outside the scope of our intended standard applications, please consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. |
Similar Part No. - LB11872V |
|
Similar Description - LB11872V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |