Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11873 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB11873
Description  Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11873 Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LB11873 Datasheet HTML 3Page - Sanyo Semicon Device LB11873 Datasheet HTML 4Page - Sanyo Semicon Device LB11873 Datasheet HTML 5Page - Sanyo Semicon Device LB11873 Datasheet HTML 6Page - Sanyo Semicon Device LB11873 Datasheet HTML 7Page - Sanyo Semicon Device LB11873 Datasheet HTML 8Page - Sanyo Semicon Device LB11873 Datasheet HTML 9Page - Sanyo Semicon Device LB11873 Datasheet HTML 10Page - Sanyo Semicon Device LB11873 Datasheet HTML 11Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
LB11873
No.A0081-7/14
Pin Functions
Pin No.
Pin
Description
Equivalent Circuit
2
1
35
OUT1
OUT2
OUT3
Motor drive outputs
33
GND2
Output block ground
28
VM
Motor drive output power supply and output current
detection
Connect a resistor (Rf) between this pin and VCC.
The output current will be limited to the value IOUT
= VRF/Rf.
8
9
6
7
4
5
IN1+
IN1-
IN2+
IN2-
IN3+
IN3-
Hall sensor inputs
"H" is the state where IN+ > IN-, and "L" is the
reverse state.
It is desirable that the Hall sensor signals have an
amplitude greater than 50 mVpp
If noise on the Hall sensor signals is a problem,
connect capacitors between the IN+ and IN- inputs.
10
HB
Hall sensor element bias current
This circuit is turned off in stop mode.
11
GND1
Control circuit block ground
12
PWM
Sets the PWM oscillator frequency.
Connect a capacitor between this pin and ground.
A 680pF capacitor sets the oscillator frequency to
be about 34kHz.
Continued on next page.
VREG
300
Ω
4
300
Ω
9
7
5
8
6
VREG
10
VREG
2k
Ω
200
Ω
12
1
2
35
300
Ω
VM
33
28
VCC


Similar Part No. - LB11873

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB11873 ONSEMI-LB11873 Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
More results

Similar Description - LB11873

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11872V SANYO-LB11872V Datasheet
122Kb / 12P
   Monolithic Digital IC For Polygonal Mirror Motors Scanner Driver IC
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LB11921T SANYO-LB11921T Datasheet
178Kb / 18P
   Monolithic Digital IC Three-Phase Brushless Motor Driver
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com