Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7767BRUZ-1 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7767BRUZ-1
Description  24-Bit, 8.5 mW, 109 dB, 128/64/32 kSPS ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7767BRUZ-1 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7767BRUZ-1 Datasheet HTML 2Page - Analog Devices AD7767BRUZ-1 Datasheet HTML 3Page - Analog Devices AD7767BRUZ-1 Datasheet HTML 4Page - Analog Devices AD7767BRUZ-1 Datasheet HTML 5Page - Analog Devices AD7767BRUZ-1 Datasheet HTML 6Page - Analog Devices AD7767BRUZ-1 Datasheet HTML 7Page - Analog Devices AD7767BRUZ-1 Datasheet HTML 8Page - Analog Devices AD7767BRUZ-1 Datasheet HTML 9Page - Analog Devices AD7767BRUZ-1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7767
Rev. 0 | Page 6 of 24
TIMING DIAGRAMS
MCLK
1
DRDY
t2
t3
t4
t1
tREAD
t5
t5
tDRDY
8 × n
8 × n
1
Figure 2. DRDY vs. MCLK Timing Diagram, n = 1 for AD7767 (Decimate by 8), n = 2 for AD7767-1 (Decimate by 16), n = 4 for AD7767-2 (Decimate by 32)
DRDY
CS
SCLK
SDO
tDRDY
tREAD
D22
MSB
D21
D20
D1
LSB
t6
t13
t12
1
23
t10
t11
t7
t8
t9
Figure 3. Serial Timing Diagram, Reading Data Using CS
CS = 0
SCLK
SDO
DATA
INVALID
MSB
D22
D21
D20
D1
LSB
DATA
INVALID
DRDY
tDRDY
tREAD
1
23
24
t14
t8
t9
t15
t11
t10
Figure 4. Serial Timing Diagram, Reading Data Setting CS Logic Low


Similar Part No. - AD7767BRUZ-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7767BRUZ-1 AD-AD7767BRUZ-1 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767BRUZ-1-RL7 AD-AD7767BRUZ-1-RL7 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
More results

Similar Description - AD7767BRUZ-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7766 AD-AD7766_15 Datasheet
1Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7767 AD-AD7767_15 Datasheet
2Mb / 25P
   24-Bit, 8.5 mW, 109 dB, 128 kSPS/64 kSPS/32 kSPS ADCs
REV. C
AD7766 AD-AD7766_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767 AD-AD7767_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
   24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
AD7762 AD-AD7762 Datasheet
591Kb / 28P
   625 kSPS, 24-Bit, 109 dB ADC With On-Chip Buffer
REV. 0
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
   625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7763 AD-AD7763 Datasheet
688Kb / 32P
   24-Bit, 625 kSPS, 109 dB 誇-? ADC with On-Chip Buffers, Serial Interface
REV. 0
AD4030-24 AD-AD4030-24_V01 Datasheet
2Mb / 50P
   24-Bit, 2 MSPS/500 kSPS, SAR ADCs
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com