Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS85454-01 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS85454-01
Description  DIFFERENTIAL-TO-LVDS MULTIPLEXER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS85454-01 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS85454-01 Datasheet HTML 1Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 2Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 3Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 4Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 5Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 6Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 7Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 8Page - Integrated Circuit Systems ICS85454-01 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
85454AK-01
www.icst.com/products/hiperclocks.html
REV. B JUNE 16, 2006
3
Integrated
Circuit
Systems, Inc.
ICS85454-01
DUAL 2:1/1:2
DIFFERENTIAL-TO-LVDS MULTIPLEXER
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = 2.5V ± 5%
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5V
Outputs, I
O
Continuous Current
10mA
Surge Current
15mA
Operating Temperature Range, TA -40°C to +85°C
Storage Temperature, T
STG
-65°C to 150°C
Package Thermal Impedance,
θ
JA
51.5°C/W (0 lfpm)
(Junction-to-Ambient)
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause permanent damage
t o the device. These ratings are stress specifi-
cations only. Functional operation of product at
these conditions or any conditions beyond those
listed in the
DC Characteristics or AC Character-
istics is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may
affect product reliability.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
7
.
1V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
07
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
IB
L
E
S
,
A
L
E
SV
D
D
V
=
N
I
V
5
2
6
.
2
=0
5
1A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
IB
L
E
S
,
A
L
E
SV
D
D
V
,
V
5
2
6
.
2
=
N
I
V
0
=0
5
1
-A
µ
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = 2.5V ± 5%
TABLE 4C. DIFFERENTIAL DC CHARACTERISTICS, V
DD = 2.5V ± 5%
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
5
7
3
.
25
.
25
2
6
.
2V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
9A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
P
C
°
0
4
-C
°
5
2C
°
5
8
s
t
i
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
B
N
I
,
x
A
N
I
B
N
I
n
,
x
A
N
I
n
0
5
10
5
10
5
1A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
B
N
I
,
x
A
N
I
B
N
I
n
,
x
A
N
I
n
0
5
1
-0
5
1
-0
5
1
-A
µ
V
P
P
e
g
a
t
l
o
V
t
u
p
n
I
k
a
e
P
-
o
t
-
k
a
e
P
5
1
.
02
.
15
1
.
02
.
15
1
.
02
.
1V
V
R
M
C
;
e
g
a
t
l
o
V
t
u
p
n
I
e
d
o
M
d
n
o
m
m
o
C
2
,
1
E
T
O
N
2
.
1V
D
D
2
.
1V
D
D
2
.
1V
D
D
V
V
s
a
d
e
n
i
f
e
d
s
i
e
g
a
t
l
o
v
t
u
p
n
i
e
d
o
m
n
o
m
m
o
C
:
1
E
T
O
N
H
I .
V
s
i
B
N
I
n
,
B
N
I
d
n
a
x
A
N
I
n
,
x
A
N
I
r
o
f
e
g
a
t
l
o
v
t
u
p
n
i
m
u
m
i
x
a
m
e
h
t
,
s
n
o
i
t
a
c
il
p
p
a
d
e
d
n
e
e
l
g
n
i
s
r
o
F
:
2
E
T
O
N
D
D
.
V
3
.
0
+


Similar Part No. - ICS85454-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8545-02 IDT-ICS8545-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02 IDT-ICS8545AG-02 Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02LF IDT-ICS8545AG-02LF Datasheet
704Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
ICS8545AG-02LF IDT-ICS8545AG-02LF Datasheet
240Kb / 13P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
logo
Renesas Technology Corp
ICS8545AG-02LF RENESAS-ICS8545AG-02LF Datasheet
402Kb / 14P
   LOW SKEW, 1-TO-4 LVCMOS/LVTTL-TO-LVDS FANOUT BUFFER
REV. A 5/7/15
More results

Similar Description - ICS85454-01

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS85401 ICST-ICS85401 Datasheet
223Kb / 11P
   DIFFERENTIAL-TO-LVDS MULTIPLEXER
ICS854058 ICST-ICS854058 Datasheet
174Kb / 12P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
ICS854054 ICST-ICS854054 Datasheet
250Kb / 13P
   DIFFERENTIAL-TO-LVDS CLOCK MULTIPLEXER
logo
Renesas Technology Corp
854S01I RENESAS-854S01I Datasheet
654Kb / 16P
   2:1 Differential-to-LVDS Multiplexer
September 29, 2022
logo
Integrated Device Techn...
ICS854S01I IDT-ICS854S01I Datasheet
300Kb / 17P
   2:1 Differential-to-LVDS Multiplexer
logo
Renesas Technology Corp
ICS854S202I-01 RENESAS-ICS854S202I-01 Datasheet
859Kb / 18P
   12:2, Differential-To-LVDS Multiplexer
DECEMBER 18, 2012
logo
Integrated Device Techn...
ICS854S202I-01 IDT-ICS854S202I-01 Datasheet
486Kb / 17P
   12:2, DIFFERENTIAL-TO-LVDS MULTIPLEXER
logo
Renesas Technology Corp
ICS854S202I RENESAS-ICS854S202I Datasheet
935Kb / 18P
   12:2, Differential-to-LVDS Multiplexer
JANUARY 21, 2013
ICS854S054I RENESAS-ICS854S054I Datasheet
1Mb / 15P
   4:1 Differential-to-LVDS Clock Multiplexer
2019
ICS854S058I RENESAS-ICS854S058I Datasheet
838Kb / 17P
   8:1 Differential-to-LVDS Clock Multiplexer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com