Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC72F3781 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC72F3781
Description  CMOS IC Electronic tuning radio for car audio ETR Controller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC72F3781 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC72F3781 Datasheet HTML 5Page - Sanyo Semicon Device LC72F3781 Datasheet HTML 6Page - Sanyo Semicon Device LC72F3781 Datasheet HTML 7Page - Sanyo Semicon Device LC72F3781 Datasheet HTML 8Page - Sanyo Semicon Device LC72F3781 Datasheet HTML 9Page - Sanyo Semicon Device LC72F3781 Datasheet HTML 10Page - Sanyo Semicon Device LC72F3781 Datasheet HTML 11Page - Sanyo Semicon Device LC72F3781 Datasheet HTML 12Page - Sanyo Semicon Device LC72F3781 Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LC72F3781
No.0459-9/17
Continued from preceding page.
Pin name
Pin No.
I/O
Pin explanation
Equivalent circuit
PE0
PE1/SCK2
PE2/SO2
PE3/SI2
PF0
PF1/SCK1
PF2/SO1
PF3/SI1
PG0
PG1/SCK0
PG2/SO0
PG3/SI0
16
15
14
13
12
11
10
9
8
7
6
5
I/O
General-purpose I/O ports with shared functions as serial I/O ports.
The input formats are Schmitt inputs. The PE1/SCK2 and PE2/SO2
pins can be switched to function as open drain outputs.
The IOS1 instruction is used to switch between the general-purpose
I/O port and serial I/O port functions.
• When used as general-purpose I/O ports :
The pins are set to the general-purpose I/O port function using the
IOS1 instruction.
The mode (input or output) is set in 1-bit units using the IOS1
instruction
• When used serial I/O ports :
The pins are set to the serial I/O port function using the IOS1
instruction.
[Pin states when set to the serial I/O port function]
PE0, PF0, PG0 … General-purpose I/O
PE1, PF1, PG1 … SCK input or output
PE2, PF2, PG2 … SO output
PE3, PF3, PG3 … SI input
The PE1/SCK2 and PE2/SO2 pins can be switched to function as
open drain outputs with the IOS2 instruction. When using this circuit
type, the external pull-up resistors must be connected to the same
power supply as that used by the IC.
Input is disabled and the pins go to the high-impedance state in
Backup mode.
These ports are set up as general-purpose input ports after a power
on reset.
XIN
XOUT
1
100
I
O
Connections for 4.5MHz/7.2MHz crystal oscillator element
EO1
EO2
98
97
O
Main charge pump outputs.
These pins output a high level when the frequency of the local
oscillator divided by n is higher than that of the reference frequency,
and they output a low level when that frequency is lower.
They go to the high-impedance state when the frequencies match.
These pins go to the high-impedance state in Backup mode, after a
power on reset, and in the PLL stopped state.
VDDPORT
VDDPLL
VSSCPU
VSSPORT
VSSADC
VSSPLL
39
93
4
40
81
96
-
Power supply connections.
The VDDPORT and VSSPORT pins are mainly supply power for the
peripheral I/O blocks.
The VDDPLL and VSSPLL pins are mainly for the PLL circuits and
the regulator.
The VSSCPU pin is mainly used by the CPU block.
The VSSADC pin is mainly used by the ADC block.
Since all the VDD and VSS pins are independent, all must be
connected to the same power supply.
VREG
3
O
Internal low voltage output.
Connect a bypass capacitor to this pin.
Continued on next page.
ILC05533
PE1/PE2-Port
Open drain Control
BACK UP
ILC05532
BACK UP
ILC05534
XIN
XOUT
ILC05535


Similar Part No. - LC72F3781

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
More results

Similar Description - LC72F3781

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC723661 SANYO-LC723661 Datasheet
220Kb / 12P
   CMOS IC Electronic tuning radio for car audio ETR Controllers
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
LC75410E SANYO-LC75410E Datasheet
234Kb / 28P
   Electronic Volume Controller for Car Audio Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com