Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB755T Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB755T
Description  Reflective Object Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB755T Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB755T_06 Datasheet HTML 1Page - OPTEK Technologies OPB755T_06 Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type OPB755T
Distance to Reflective Surface - Inches
Normalized Collector Current vs.
Object Distance
Normalized to d = .150"
IF = 30 mA
VCE = 5 V
Normalized Ouput Current vs.
Forward Current
Forward Current - mA
Normalized to IF = 30 mA
VCE = 5 V
+2
σ
Average
-2
σ
+2
σ
Average
-2
σ
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972) 323-2200
Fax (972) 323-2396
11-49
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN MAX UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
1.80
V
IF = 40 mA
IR
Reverse Current
100
µA
VR = 2.0 V
Output Phototransistor
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
V
IC = 100
µA
ICEO
Collector Dark Current
100
nA
VCE = 10 V, IF = 0, H = 0
Coupled
VCE(SAT)
Saturation Voltage
0.40
V
IC = 150
µA, IF = 30 mA, d = 0.22”
IC(ON)
On-State Collector Current
500
375
250
µA
µA
µA
VCE = 5 V, IF = 30 mA, d = 0.08”
(4)
VCE = 5 V, IF = 30 mA, d = 0.15”
(4)
VCE = 5 V, IF = 30 mA, d = 0.22”
(4)
IC(OFF)
Off-State Collector Current
250
nA
IF = 30 mA, VCE = 5 V,
(5)
d = 0.08”, 0.15”, 0.22”
Typical Performance Curves


Similar Part No. - OPB755T_06

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB755TAZ OPTEK-OPB755TAZ Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
TT Electronics.
OPB755TAZ TTELEC-OPB755TAZ Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB755TZ OPTEK-OPB755TZ Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
TT Electronics.
OPB755TZ TTELEC-OPB755TZ Datasheet
165Kb / 4P
   Reflective Object Sensor
More results

Similar Description - OPB755T_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
164Kb / 4P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB745 OPTEK-OPB745 Datasheet
217Kb / 2P
   REFLECTIVE OBJECT SENSOR
OPB750 OPTEK-OPB750_14 Datasheet
165Kb / 4P
   Reflective Object Sensor
logo
List of Unclassifed Man...
MSA7 ETC1-MSA7 Datasheet
341Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
OPTEK Technologies
OPB750N OPTEK-OPB750N Datasheet
423Kb / 2P
   Reflective Object Sensor
logo
Fairchild Semiconductor
QRD1113 FAIRCHILD-QRD1113 Datasheet
200Kb / 4P
   Reflective Object Sensor
logo
OPTEK Technologies
OPB703 OPTEK-OPB703 Datasheet
375Kb / 10P
   Reflective Object Sensor
OPB125A OPTEK-OPB125A Datasheet
83Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
QT Optoelectronics
OPB706A QT-OPB706A Datasheet
160Kb / 2P
   REFLECTIVE OBJECT SENSOR
logo
Fairchild Semiconductor
QRE1113 FAIRCHILD-QRE1113 Datasheet
337Kb / 5P
   REFLECTIVE OBJECT SENSOR
logo
TT Electronics.
OPB706A TTELEC-OPB706A Datasheet
299Kb / 4P
   Reflective Object Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com