Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB900 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB900
Description  Photologic짰 Slotted Optical Switch ?쏻ide Gap??Series
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB900 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB900 Datasheet HTML 1Page - OPTEK Technologies OPB900 Datasheet HTML 2Page - OPTEK Technologies OPB900 Datasheet HTML 3Page - OPTEK Technologies OPB900 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Photologic
® Slotted Optical Switch
“Wide Gap” Series
OPB900 through OPB913 Series (L, W__Z)
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
09/06
Page 2 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Absolute Maximum Ratings (TA = -40°C to + 70° Unless otherwise noted)
Storage Temperature
-40° C to +85° C
Operating Temperature
-40° C to +70° C
Lead Soldering Temperature (1/16” (1.6 mm) from case for 5 seconds with soldering iron)(1)
260° C
Input Infrared LED
DC Forward Diode (LED) Current
40 mA
DC Reverse Diode (LED) Voltage
2 V
Input Diode Power Dissipation(1)
100 mW
Output Photologic®
Supply Voltage, VCC (not to exceed 3 seconds)
10V
Voltage at Output Lead (Open Collector Output version)
35 V
Output Photologic® Power Dissipation(2)
200 mW
Total Device Power Dissipation(3)
300 mW
Notes:
(1) Derate linearly 2.22 mW/°C above 25°C
(2) Derate linearly 4.44 mW/°C above 25°C
(3) Derate linearly 6.66 mW/°C above 25°C
(4) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(5) Methanol or isopropanol are recommended as cleaning agents. The plastic housing is soluble in chlorinated hydrocarbons and
keytones.
Color-Pin #
Description
Color-Pin #
Description Color-Pin # Description
Color-Pin #
Description Color-Pin # Description
Red-1
Anode
Black-2
Cathode
White-3
VCC
Blue-4
Output
Green-5
Ground
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]


Similar Part No. - OPB900

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB900 TTELEC-OPB900 Datasheet
633Kb / 4P
   Slotted Optical Switch Wide Gap Series
OPB9000 TTELEC-OPB9000 Datasheet
1Mb / 20P
   SMD Reflective Optical Sensor
logo
OPTEK Technologies
OPB900L OPTEK-OPB900L Datasheet
414Kb / 4P
   Photologic Slotted Optical Switches Types OPB900L,OPB910L
logo
TT Electronics.
OPB900L55W51Z TTELEC-OPB900L55W51Z Datasheet
633Kb / 4P
   Slotted Optical Switch Wide Gap Series
OPB900L55W55Z TTELEC-OPB900L55W55Z Datasheet
633Kb / 4P
   Slotted Optical Switch Wide Gap Series
More results

Similar Description - OPB900

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB900W55 ETC2-OPB900W55 Datasheet
378Kb / 4P
   Photologic짰 Slotted Optical Switch ?쏻ide Gap??Series OPB900 through OPB913 Series (L, W__Z)
logo
TT Electronics.
OPB902W55Z TTELEC-OPB902W55Z Datasheet
633Kb / 4P
   Photologic 짰 Slotted Optical Switch ?쏻ide Gap??Series
OPB901L55 TTELEC-OPB901L55 Datasheet
633Kb / 4P
   Photologic 짰 Slotted Optical Switch ?쏻ide Gap??Series
OPB901W55Z TTELEC-OPB901W55Z Datasheet
633Kb / 4P
   Photologic 짰 Slotted Optical Switch ?쏻ide Gap??Series
logo
List of Unclassifed Man...
OPB990T55 ETC2-OPB990T55 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970N51 ETC-OPB970N51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB930W51Z OPTEK-OPB930W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB982T51 ETC2-OPB982T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB931W51Z ETC2-OPB931W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB120A OPTEK-OPB120A Datasheet
418Kb / 5P
   Photologic짰 Slotted Optical Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com