Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCA9665N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCA9665N
Description  Fm parallel bus to I2C-bus controller
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA9665N Datasheet(HTML) 5 Page - NXP Semiconductors

  PCA9665N Datasheet HTML 1Page - NXP Semiconductors PCA9665N Datasheet HTML 2Page - NXP Semiconductors PCA9665N Datasheet HTML 3Page - NXP Semiconductors PCA9665N Datasheet HTML 4Page - NXP Semiconductors PCA9665N Datasheet HTML 5Page - NXP Semiconductors PCA9665N Datasheet HTML 6Page - NXP Semiconductors PCA9665N Datasheet HTML 7Page - NXP Semiconductors PCA9665N Datasheet HTML 8Page - NXP Semiconductors PCA9665N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 91 page
background image
PCA9665_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
5 of 91
NXP Semiconductors
PCA9665
Fm+ parallel bus to I2C-bus controller
6.2 Pin description
[1]
HVQFN package die supply ground is connected to both the VSS pin and the exposed center pad. The VSS
pin must be connected to supply ground for proper device operation. For enhanced thermal, electrical, and
board-level performance, the exposed pad needs to be soldered to the board using a corresponding
thermal pad on the board, and for proper heat conduction through the board thermal vias need to be
incorporated in the PCB in the thermal pad region.
Table 2.
Pin description
Symbol
Pin
Type
Description
DIP20,
SO20,
TSSOP20
HVQFN20
D0
1
18
I/O
Data bus: Bidirectional 3-state data bus used to
transfer commands, data and status between the bus
controller and the CPU. D0 is the least significant bit.
D1
2
19
I/O
D2
3
20
I/O
D3
4
1
I/O
D4
5
2
I/O
D5
6
3
I/O
D6
7
4
I/O
D7
8
5
I/O
i.c.
9
6
-
internally connected: must be left floating (pulled
LOW internally)
VSS
10
7[1]
power
Supply ground
WR
11
8
I
Write strobe: When LOW and CE is also LOW, the
content of the data bus is loaded into the addressed
register. Data are latched on the rising edge of either
WR or CE.
RD
12
9
I
Read strobe: When LOW and CE is also LOW,
causes the contents of the addressed register to be
presented on the data bus. The read cycle begins on
the falling edge of RD.
CE
13
10
I
Chip Enable: Active LOW input signal. When LOW,
data transfers between the CPU and the bus
controller are enabled on D0 to D7 as controlled by
the WR, RD and A0 to A1 inputs. When HIGH,
places the D0 to D7 lines in the 3-state condition.
Data are written into the addressed register on rising
edge of either CE or WR.
A0
14
11
I
Address inputs: Selects the bus controller’s internal
registers and ports for read/write operations.
A1
15
12
I
INT
16
13
O
Interrupt request: Active LOW, open-drain, output.
This pin requires a pull-up device.
RESET
17
14
I
Reset: Active LOW input. A LOW level clears internal
registers and resets the I2C-bus state machine.
SCL
18
15
I/O
I2C-bus serial clock input/output (open-drain).
This pin requires a pull-up device.
SDA
19
16
I/O
I2C-bus serial data input/output (open-drain). This pin
requires a pull-up device.
VDD
20
17
power
Power supply: 2.3 V to 3.6 V


Similar Part No. - PCA9665N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9665N NXP-PCA9665N Datasheet
427Kb / 90P
   Fm parallel bus to I2C-bus controller
Rev. 03-12 August 2008
More results

Similar Description - PCA9665N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9665 NXP-PCA9665_V01 Datasheet
710Kb / 92P
   Fm parallel bus to I2C-bus controller
Rev. 4-29 September 2011
PCA9665 NXP-PCA9665 Datasheet
427Kb / 90P
   Fm parallel bus to I2C-bus controller
Rev. 03-12 August 2008
PCA9663 NXP-PCA9663 Datasheet
1Mb / 66P
   Parallel bus to 3 channel Fm I2C-bus controller
Rev. 1-6 June 2011
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564PW-T NXP-PCA9564PW-T Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
PCA9564 PHILIPS-PCA9564 Datasheet
222Kb / 31P
   Parallel bus to I2C-bus controller
2003 Apr 02
PCA9629A NXP-PCA9629A Datasheet
1Mb / 59P
   Fm I2C-bus advanced stepper motor controller
Rev. 2-21 March 2014
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
PCA9617A NXP-PCA9617A Datasheet
1Mb / 24P
   Level translating Fm I2C-bus repeater
Rev. 1-20 March 2013
logo
Unisonic Technologies
UCA9617 UTC-UCA9617 Datasheet
288Kb / 8P
   LEVEL TRANSLATING FM I2C-BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com