Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB940 Datasheet(PDF) 4 Page - OPTEK Technologies

Part # OPB940
Description  Photologic짰 Slotted Optical Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB940 Datasheet(HTML) 4 Page - OPTEK Technologies

  OPB940 Datasheet HTML 1Page - OPTEK Technologies OPB940 Datasheet HTML 2Page - OPTEK Technologies OPB940 Datasheet HTML 3Page - OPTEK Technologies OPB940 Datasheet HTML 4Page - OPTEK Technologies OPB940 Datasheet HTML 5Page - OPTEK Technologies OPB940 Datasheet HTML 6Page - OPTEK Technologies OPB940 Datasheet HTML 7Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2 07/07
Page 4 of 7
Photologic® Slotted Optical Switch
OPB930 and OPB940 (L and W Series)
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Notes:
(1) Normal application would be with light source blocked, simulated by IF = 0 mA.
(2) All parameters are tested using pulse techniques.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2.0 V
Output Photologic® Sensor
VCC
Operating D.C. Supply Voltage
4.75
-
5.25
V
-
ICCL
Low Level Supply Current:
Totem Pole & Open-Collector
-
-
15
mA
VCC = 5.25, IF = 0 mA
(1)
Inverted Totem-Pole &
Inverted Open-Collector
-
-
15
mA
VCC = 5.25, IF = 15 mA
ICCH
High Level Supply Current:
Totem Pole & Open-Collector
-
-
15
mA
VCC = 5.25, IF = 15 mA
Inverted Totem-Pole &
Inverted Open-Collector
-
-
15
mA
VCC = 5.25, IF = 0 mA
(1)
Low Level Output Voltage:
Totem Pole & Open-Collector
-
-
0.4
V
VCC = 4.75, IOL = 12.8 mA, IF = 0 mA
(1)
Inverted Totem-Pole &
Inverted Open-Collector
-
-
0.4
V
VCC = 4.75, IOL = 12.8 mA, IF = 15 mA
VOH
High Level Output Voltage:
Totem-Pole & Open-Collector
2.4
-
-
V
VCC = 4.75, IOH = -800 µA, IF = 15 mA
Inverted Totem-Pole &
Inverted Open-Collector
2.4
-
-
V
VCC = 4.75, IOH = -800 µA, IF = 0 mA
(1)
IOH
High Level Output Current:
Totem Pole & Open-Collector
-
-
100
µA
VCC = 4.75, VOH = 30 V, IF = 15 mA,
Inverted Totem-Pole &
Inverted Open-Collector
-
-
100
µA
VCC = 4.75, VOH = 30 V, IF = 0 mA
(1)
IF(+)
LED Positive-Going Threshold Current
-
-
15
mA
VCC = 5.0 V
IF(+), IF(-) Hysteresis
-
2.0
-
V
VCC = 5.0 V
IOS
Short Circuit Output Current:
Totem Pole & Open-Collector
-15
-
-60
mA
VCC = 5.25 V, IF = 15 mA, Output = GND
Inverted Totem-Pole &
Inverted Open-Collector
-15
-
-60
mA
VCC = 5.25 V, IF = 0 mA
(1), Output = GND
trtr
Output Rise Time, Output Fall Time
-
70
-
ns
VCC = 5 V, IF = 0 or 15 mA
TPLH
Propagation Delay Low-High
-
5.0
-
µs
RL = 8TTL loads (Totem Pole)
TPHL
Propagation Delay High-Low
-
5.0
-
µs
RL = 360 Ω (Open-Collector)
VOL


Similar Part No. - OPB940

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB940 ETC2-OPB940 Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB940 OPTEK-OPB940 Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
OPB940L OPTEK-OPB940L Datasheet
417Kb / 4P
   Photologic Slotted Optical Switches
OPB940L51 OPTEK-OPB940L51 Datasheet
417Kb / 4P
   Photologic Slotted Optical Switches
logo
TT Electronics.
OPB940L51W TTELEC-OPB940L51W Datasheet
751Kb / 9P
   Slotted Optical Switch
More results

Similar Description - OPB940

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OPB990T55 ETC2-OPB990T55 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970N51 ETC-OPB970N51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB930W51Z OPTEK-OPB930W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB982T51 ETC2-OPB982T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB931W51Z ETC2-OPB931W51Z Datasheet
283Kb / 7P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB120A OPTEK-OPB120A Datasheet
418Kb / 5P
   Photologic짰 Slotted Optical Switch
logo
List of Unclassifed Man...
OPB970N11 ETC2-OPB970N11 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB970T51 ETC-OPB970T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB983T51Z ETC2-OPB983T51Z Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
logo
OPTEK Technologies
OPB992T51 OPTEK-OPB992T51 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com