Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI-8504L Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PCI-8504L
Description  4-Axis Motion Control Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCI-8504L Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PCI-8504L Datasheet HTML 1Page - List of Unclassifed Manufacturers PCI-8504L Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCI-8504/ 8504L
4-Axis Motion Control Board
Pin Assignment
100-Pin SCSI-II Pin Type Female Connector for
PCI-8504/ 8504L (J1)
Description
Pin
Pin
Description
AGND
1
51
AGND
DAC/D1
2
52
DAC/D4
DAC/D2
3
53
DAC/D5
DAC/D3
4
54
DAC/D6
VCC_OUT(+5V)
5
55
COM-
COM+
6
56
COM-
COM
7
57
E_STOP
COM
8
58
P_RDY
HOME_I1
9
59
HOME_I2
OT+_I1
10
60
OT+_I2
OT-_I1
11
61
OT-_I2
INH_O1
12
62
INH_O2
HOME_I3
13
63
HOME_I4
OT+_I3
14
64
OT+_I4
OT-_I3
15
65
OT-_I4
INH_O3
16
66
INH_O4
HOME_I5
17
67
HOME_I6
OT+_I5
18
68
OT+_I6
OT-_I5
19
69
OT-_I6
INH_O5
20
70
INH_O6
XENC_INA1
21
71
XENC_INA2
~XENC_INA1
22
72
~XENC_INA2
XENC_INB1
23
73
XENC_INB2
~XENC_INB1
24
74
~XENC_INB2
XENC_INC1
25
75
XENC_INC2
~XENC_INC1
26
76
~XENC_INC2
XENC_INA3
27
77
XENC_INA4
~XENC_INA3
28
78
~XENC_INA4
XENC_INB3
29
79
XENC_INB4
~XENC_INB3
30
80
~XENC_INB4
XENC_INC3
31
81
XENC_INC4
~XENC_INC3
32
82
~XENC_INC4
XENC_INA5
33
83
XENC_INA6
~XENC_INA5
34
84
~XENC_INA6
XENC_INB5
35
85
XENC_INB6
~XENC_INB5
36
86
~XENC_INB6
XENC_INC5
37
87
XENC_INC6
~XENC_INC5
39
88
~XENC_INC6
XDDA_OUTA1
38
89
XDDA_OUTA2
~XDDA_OUTA1
40
90
~XDDA_OUTA2
XDDA_OUTB1
41
91
XDDA_OUTB2
~XDDA_OUTB1
42
92
~XDDA_OUTB2
XDDA_OUTA3
43
93
XDDA_OUTA4
~XDDA_OUTA3
44
94
~XDDA_OUTA4
XDDA_OUTB3
45
95
XDDA_OUTB4
~XDDA_OUTB3
46
96
~XDDA_OUTB4
XDDA_OUTA5
47
97
XDDA_OUTA6
~XDDA_OUTA5
48
98
~XDDA_OUTA6
XDDA_OUTB5
49
99
XDDA_OUTB6
~XDDA_OUTB5
50
1
51
50
100
100
~XDDA_OUTB6
Ordering Information
PCI-bus Board
PCI-8504
4-Axis Motion Control Board
PCI-8504L PCI-8504 without D/A on Board
Daughter Board
DB-87040
4-Axis Motion Control
Daughter Board for DIN-Rail
Mounting
DB-87064
64 D/I and 64 D/O Daughter
Board
DB-87063
64 Remote Isolated DI/O
Module
Cable
CB-89200-2
100-Pin SCSI-II Pin Type
Male to Male 2M Cable
CB-89200-5
100-Pin SCSI-II Pin Type
Male to Male 5M Cable
CB-89009-2
9-Pin D-Sub Male to Male
2M Cable
CB-89009-5
9-Pin D-Sub Male to Male
5M Cable
CB-89410-0.2
2 Sets 10-Pin Flat Female to
2 Sets 9-Pin D-Sub Female
Cable
Preliminary


Similar Part No. - PCI-8504L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI-8554 ETC2-PCI-8554 Datasheet
311Kb / 1P
   10-CH General Purpose Timers/Counters & 8-CH DIO Card
PCI-8570 ETC2-PCI-8570 Datasheet
272Kb / 1P
   PCI-to-PXI/PXI-to-PXI Expansion Kits
More results

Similar Description - PCI-8504L

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMCM-310 TRINAMIC-TMCM-310_07 Datasheet
222Kb / 2P
   3-Axis Stepper Motor Motion Control Module
logo
Advantech Co., Ltd.
AMAX-2241 ADVANTECH-AMAX-2241_14 Datasheet
254Kb / 1P
   4-axis AMONet Motion Slave Modules
AMAX-2240 ADVANTECH-AMAX-2240_V01 Datasheet
268Kb / 1P
   4-axis AMONet Motion Slave Modules
19-Mar-2014
AMAX-2240 ADVANTECH-AMAX-2240 Datasheet
532Kb / 1P
   4-axis AMONet Motion Slave Modules
logo
National Instruments Co...
PCI-7390 NI-PCI-7390 Datasheet
593Kb / 5P
   4-Axis Position (Pulse) Command Motion Controller
logo
Advantech Co., Ltd.
AMAX-3245 ADVANTECH-AMAX-3245 Datasheet
375Kb / 1P
   Advanced 4-axis EtherCAT Motion Slave Modules
21-Feb-2020
logo
TDK Electronics
DK-20948 TDK-DK-20948 Datasheet
360Kb / 1P
   9-Axis Motion Sensor
DK-20602 TDK-DK-20602 Datasheet
375Kb / 1P
   6-Axis Motion Sensor
DK-20648 TDK-DK-20648 Datasheet
393Kb / 1P
   6-Axis Motion Sensor
DK-20789 TDK-DK-20789 Datasheet
366Kb / 1P
   7-Axis Motion Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com