Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPB828B Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB828B
Description  SLOTTED OPTICAL SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB828B Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB828B Datasheet HTML 1Page - OPTEK Technologies OPB828B Datasheet HTML 2Page - OPTEK Technologies OPB828B Datasheet HTML 3Page - OPTEK Technologies OPB828B Datasheet HTML 4Page - OPTEK Technologies OPB828B Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.2
09/06
Page 2 of 5
Slotted Optical Switch
OPB827, OPB828, OPB829Z Series
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPB827 and OPB828 Series
1
4
2
3
Color/Pin #
Description
Color/Pin #
Description
Black-2
Cathode
White-3
Collector
Red-1
Anode
Green-4
Emitter
Lead Spacing
OPB827 = 0.305”
OPB828 = 0.220”
OPB829 =
24” 26 AWG Wires
OPB829Z Series
DIMENSIONS ARE IN:
INCHES
[ MILLIMETERS]


Similar Part No. - OPB828B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB828B OPTEK-OPB828B Datasheet
252Kb / 2P
   SLOTTED OPTICAL SWITCHES
logo
TT Electronics.
OPB828B TTELEC-OPB828B Datasheet
608Kb / 6P
   Slotted Optical Switch
More results

Similar Description - OPB828B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB828 OPTEK-OPB828 Datasheet
252Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB845A OPTEK-OPB845A Datasheet
230Kb / 2P
   Slotted Optical Switches
OPB847 OPTEK-OPB847 Datasheet
299Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB853A1 OPTEK-OPB853A1 Datasheet
266Kb / 2P
   Slotted Optical Switches
OPB852A1 OPTEK-OPB852A1 Datasheet
174Kb / 2P
   Slotted Optical Switches
OPB821 OPTEK-OPB821 Datasheet
242Kb / 2P
   Slotted Optical Switches
OPB827A OPTEK-OPB827A Datasheet
256Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB854A3 OPTEK-OPB854A3 Datasheet
226Kb / 2P
   SLOTTED OPTICAL SWITCHES
OPB830W OPTEK-OPB830W_06 Datasheet
373Kb / 4P
   Slotted Optical Switches
OPB830L OPTEK-OPB830L Datasheet
386Kb / 4P
   SLOTTED OPTICAL SWITCHES
OPB844A OPTEK-OPB844A Datasheet
232Kb / 2P
   Slotted Optical Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com