Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM100RSD060 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PM100RSD060
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM100RSD060 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM100RSD060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM100RSD060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM100RSD060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM100RSD060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM100RSD060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM100RSD060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM100RSD060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM100RSD060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM100RSD060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM100RSD060
FLAT-BASE TYPE
INSULATED PACKAGE
Jul. 2005
VD = 15V, VCIN = 15V
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN • Br-VNC
ID
°C
V
mA
ms
60
18
1.8
2.3
520
430
125
12.5
0.01
15
mA
Circuit Current
Input ON Threshold Voltage
Input OFF Threshold Voltage
Over Current Trip Level
Short Circuit Trip Level
Over Current Delay Time
Over Temperature Protection
Supply Circuit Under-Voltage
Protection
Fault Output Current
Minimum Fault Output Pulse
Width
Vth(ON)
Vth(OFF)
OC
SC
toff(OC)
OT
OTr
UV
UVr
IFO(H)
IFO(L)
tFO
Trip level
Reset level
Trip level
Reset level
CONTROL PART
1.2
1.7
264
158
39
111
11.5
1.0
Parameter
Symbol
Test Condition
Max.
Min.
Typ.
Unit
Limits
44
13
1.5
2.0
311
53
360
79
10
118
100
12.0
12.5
10
1.8
(Note-3) Fault output is given only when the internal OC, SC, OT & UV protection.
Fault output of OC, SC and UV protection operate by upper and lower arms.
Fault output of OT protection operate by lower arm.
Fault output of OC, SC protection given pulse.
Fault output of OT, UV protection given pulse while over level.
Base-plate
Temperature detection, VD = 15V
–20
≤ Tj ≤ 125°C
VD = 15V, VFO = 15V
(Note-3)
VD = 15V
(Note-3)
V
µs
Inverter part
VD = 15V
(Fig. 5,6)
Break part
–20
≤ Tj ≤ 125°C, VD = 15V
(Fig. 5,6)
–20
≤ Tj ≤ 125°C, VD = 15V (Fig. 5,6)
VD = 15V
(Fig. 5,6)
VN1-VNC
VXP1-VXPC
Tj = –20
°C
Tj = 25
°C
Tj = 125
°C
Inverter part
Brake part
A
A
3.5
3.5
Main terminal
screw : M5
Mounting part
screw : M5
Symbol
Parameter
Mounting torque
Mounting torque
Weight
Test Condition
Unit
N • m
N • m
g
Limits
Min.
Typ.
Max.
2.5
2.5
3.0
3.0
560
MECHANICAL RATINGS AND CHARACTERISTICS
RECOMMENDED CONDITIONS FOR USE
Recommended value
Unit
Test Condition
Symbol
Parameter
V
Applied across P-N terminals
Applied between : VUP1-VUPC, VVP1-VVPC
VWP1-VWPC, VN1-VNC
(Note-4)
Applied between : UP-VUPC, VP-VVPC, WP-VWPC
UN • VN • WN • Br-VNC
Using Application Circuit input signal of IPM, 3
φ
sinusoidal PWM VVVF inverter
(Fig. 8)
For IPM’s each input signals
(Fig. 7)
Supply Voltage
Control Supply Voltage
Input ON Voltage
Input OFF Voltage
PWM Input Frequency
Arm Shoot-through
Blocking Time
≤ 400
15
± 1.5
≤ 0.8
≥ 4.0
≤ 20
≥ 2.5
VCC
VCIN(ON)
VCIN(OFF)
fPWM
tdead
VD
V
kHz
µs
V
(Note-4) Allowable Ripple rating of Control Voltage : dv/dt
≤ ±5V/µs, 2Vp-p
BRAKE PART
VCE(sat)
ICES
VFM
V
mA
Min.
Typ.
Max.
V
Collector-Emitter
Saturation Voltage
FWDi Forward Voltage
Collector-Emitter
Cutoff Current
IF = 30A
(Fig. 2)
Tj = 25
°C
Tj = 125
°C
Unit
Parameter
Symbol
Test Condition
Limits
2.5
2.6
3.5
1
10
1.8
1.9
2.5
Tj = 25
°C
Tj = 125
°C
VD = 15V, IC = 30A
VCIN = 0V, Pulsed
(Fig. 1)
VCE = VCES, VCIN = 15V
(Fig. 4)


Similar Part No. - PM100RSD060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM100RSD060 POWEREX-PM100RSD060 Datasheet
90Kb / 6P
   Intellimod??Module Three Phase Brake IGBT Inverter Output (100 Amperes/600 Volts)
More results

Similar Description - PM100RSD060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com