Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM150DSA120 Datasheet(PDF) 4 Page - Mitsubishi Electric Semiconductor

Part # PM150DSA120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM150DSA120 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

  PM150DSA120 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM150DSA120 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM150DSA120 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM150DSA120 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM150DSA120 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM150DSA120 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Sep.2000
Electrical and Mechanical Characteristics, Tj = 25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
IGBT Inverter Sector
Collector Cutoff Current
ICES
VCE = VCES, Tj = 25°C—
1
mA
VCE = VCES, Tj = 125°C—
10
mA
Emitter-Collector Voltage
VEC
-IC = 150A, VD = 15V, VCIN = 5V
2.5
3.5
Volts
Collector-Emitter Saturation Voltage
VCE(sat)
VD = 15V, VCIN = 0V, IC = 150A
2.3
3.2
Volts
VD = 15V, VCIN = 0V, IC = 150A,
2.1
2.9
Volts
Tj = 125°C
Inductive Load Switching Times
ton
0.5
1.4
2.5
µs
trr
VD = 15V, VCIN = 0 ↔ 5V
0.2
0.4
µs
tC(on)
VCC = 600V, IC = 150A
0.4
1.0
µs
toff
Tj = 125°C
2.5
3.5
µs
tC(off)
0.6
1.1
µs
Thermal Characteristics
Characteristic
Symbol
Condition
Min.
Typ.
Max.
Units
Junction to Case Thermal Resistance
Rth(j-c)Q
Each IGBT
0.13
°C/Watt
Rth(j-c)F
Each FWDi
0.25
°C/Watt
Contact Thermal Resistance
Rth(c-f)
Case to Fin Per Module
0.048
°C/Watt
Thermal Grease Applied
Recommended Conditions for Use
Characteristic
Symbol
Condition
Value
Units
Supply Voltage
VCC
Applied across C1-E2 Terminals
0 ~ 800
Volts
VD
Applied between VP1-VPC, VN1-VNC
15
± 1.5
Volts
Input ON Voltage
VCIN(on)
Applied between
0 ~ 0.8
Volts
Input OFF Voltage
VCIN(off)
CP1-VPC, CN1-VNC
4.0 ~ VSXR Volts
PWM Input Frequency
fPWM
Using Application Circuit
5 ~ 20
kHz
Minimum Dead Time
tdead
Input Signal
≥ 3.5
µs
MITSUBISHI INTELLIGENT POWER MODULES
PM150DSA120
FLAT-BASE TYPE
INSULATED PACKAGE


Similar Part No. - PM150DSA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM150DSA120 MITSUBISHI-PM150DSA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM150DSA120 MITSUBISHI-PM150DSA120 Datasheet
62Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM150DSA120 POWEREX-PM150DSA120 Datasheet
76Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (150 Amperes/1200 Volts)
More results

Similar Description - PM150DSA120

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com