Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F1964A Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC87F1964A
Description  CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1964A Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC87F1964A Datasheet HTML 6Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 9Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 10Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 11Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 12Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 13Page - Sanyo Semicon Device LC87F1964A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LC87F1964A
No.A0496-10/28
Continued from preceding page.
Pin Name
I/O
Description
Option
Port 3
P30 to P34
I/O
• 5-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P30: UART1 transmit
P31: UART1 receive
P34: USB interface PLL filter pin (see Fig.5)
Yes
Port 7
• 4-bit I/O port
• I/O specifiable in 1-bit units
• Pull-up resistors can be turned on and off in 1-bit units.
• Pin functions
P70: INT0 input/HOLD reset input/timer 0L capture input/watchdog timer output
P71: INT1 input/HOLD reset input/timer 0H capture input
P72: INT2 input/HOLD reset input/timer 0 event input/timer 0L capture input/
High speed clock counter input
P73: INT3 input (with noise filter) /timer 0 event input/ timer 0H capture input
AD converter input port: AN8(P70), AN9(P71)Interrupt acknowledge type
Rising
Falling
Rising &
Falling
H level
L level
INT0
enable
enable
disable
enable
enable
INT1
enable
enable
disable
enable
enable
INT2
enable
enable
enable
disable
disable
INT3
enable
enable
enable
disable
disable
P70 to P73
I/O
No
PWM0
PWM1
I/O
• PWM0 and PWM1 output port
• General-purpose input port
No
UHD-
I/O
• USB data I/O pin UHD-
• General-purpose I/O port
No
UHD+
I/O
• USB data I/O pin UHD
+
• General-purpose I/O port
No
RES
Input
Reset pin
No
XT1
Input
• 32.768kHz crystal oscillator input pin
• Pin functions
General-purpose input port
AD converter input port: AN10
Must be connected to VDD1 if not to be used.
No
XT2
I/O
• 32.768kHz crystal oscillator output pin
• Pin functions
General-purpose I/O port
AD converter input port: AN11
Must be set for oscillation and kept open if not to be used.
No
CF1
Input
Ceramic resonator input pin
No
CF2
Output
Ceramic resonator output pin
No


Similar Part No. - LC87F1964A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1364A SANYO-LC87F1364A Datasheet
145Kb / 22P
   8-bit 1-chip Microcontroller with Low-speed USB
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F17C8A ONSEMI-LC87F17C8A Datasheet
382Kb / 36P
   LC87F17C8A
November 2014 - Rev. 0
LC87F17C8AUWA-2H ONSEMI-LC87F17C8AUWA-2H Datasheet
382Kb / 36P
   LC87F17C8A
November 2014 - Rev. 0
More results

Similar Description - LC87F1964A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F1HC8SA SANYO-LC87F1HC8SA Datasheet
233Kb / 27P
   CMOS IC FROM 128K byte, RAM 16384 byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F5M64A SANYO-LC87F5M64A Datasheet
171Kb / 22P
   CMOS IC FROM FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1D64A SANYO-LC87F1D64A Datasheet
197Kb / 29P
   CMOS IC FROM 64K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F1HC4A SANYO-LC87F1HC4A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 12288-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A SANYO-LC87F1HC8A Datasheet
233Kb / 27P
   CMOS IC 128K-byte FROM and 16384-byte RAM integrated 8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com