Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC87F7032A Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LC87F7032A
Description  CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F7032A Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LC87F7032A Datasheet HTML 5Page - Sanyo Semicon Device LC87F7032A Datasheet HTML 6Page - Sanyo Semicon Device LC87F7032A Datasheet HTML 7Page - Sanyo Semicon Device LC87F7032A Datasheet HTML 8Page - Sanyo Semicon Device LC87F7032A Datasheet HTML 9Page - Sanyo Semicon Device LC87F7032A Datasheet HTML 10Page - Sanyo Semicon Device LC87F7032A Datasheet HTML 11Page - Sanyo Semicon Device LC87F7032A Datasheet HTML 12Page - Sanyo Semicon Device LC87F7032A Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
LC87F7032A
No.A0653-9/21
Port Output Configuration
Port form and pull-up resistor options are shown in the following table.
Port status can be read even when port is set to output mode.
Terminal
Option applies to:
Options
Output Form
Pull-up resistor
1
CMOS
Programmable
(Note 1)
P00 to P07
each bit
2
Nch-open drain
None
1
CMOS
Programmable
P10 to P17
each bit
2
Nch-open drain
Programmable
P70
-
None
Nch-open drain
Programmable
P71 to P73
-
None
CMOS
Programmable
1
CMOS
2
P-ch Open Drain
S16(PC0) to
S23(PC7)
each bit
3
N-ch Open Drain
None
Note 1: Attachment of Port0 programmable pull-up resistors is controllable in nibble units (P00 to 03, P04 to 07).
* 1: Connect as follows to reduce noise on VDD.
VSS1 and VSS2 must be connected together and grounded.
* 2: The power supply for the internal memory is VDD1. VDD1 and VDD2 are used as the power supply for ports.
When VDD1 and VDD2 are not backed up, the port level does not become “H” even if the port latch is in the “H”
level. Therefore, when VDD1 and VDD2 are not backed up and the port latch is “H” level, the port level is
unstable in the HOLD mode, and the back up time becomes shorter because the through current runs from VDD to
GND in the input buffer.
If VDD1 and VDD2 are not backed up, output “L” by the program or pull the port to “L” by the external circuit in
the HOLD mode so that the port level becomes “L” level and unnecessary current consumption is prevented.
LSI1
VDD1
VDD2
VSS2
VSS1
Power
supply
V1
V2
V3
VDC
CUP1
CUP2
Back up capacitors


Similar Part No. - LC87F7032A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F72C8A SANYO-LC87F72C8A Datasheet
717Kb / 24P
   8-Bit Single Chip Microcontroller with 128 KB Flash Memory and 2048-Byte RAM On Chip
LC87F74C8A SANYO-LC87F74C8A Datasheet
575Kb / 21P
   8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F76C8A ONSEMI-LC87F76C8A Datasheet
187Kb / 24P
   8-bit 1-chip Microcontroller
May, 2013 Ver.0.09
logo
Sanyo Semicon Device
LC87F7932B SANYO-LC87F7932B Datasheet
196Kb / 29P
   32K-byte FROM and 2048-byte RAM integrated 8-bit 1-chip Microcontroller
More results

Similar Description - LC87F7032A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A Datasheet
183Kb / 25P
   CMOS IC Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5932A SANYO-LC87F5932A_08 Datasheet
199Kb / 27P
   Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
   CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com