Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC723662 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC723662
Description  CMOS IC Electronic tuning radio for car audio ETR Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC723662 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC723662 Datasheet HTML 1Page - Sanyo Semicon Device LC723662 Datasheet HTML 2Page - Sanyo Semicon Device LC723662 Datasheet HTML 3Page - Sanyo Semicon Device LC723662 Datasheet HTML 4Page - Sanyo Semicon Device LC723662 Datasheet HTML 5Page - Sanyo Semicon Device LC723662 Datasheet HTML 6Page - Sanyo Semicon Device LC723662 Datasheet HTML 7Page - Sanyo Semicon Device LC723662 Datasheet HTML 8Page - Sanyo Semicon Device LC723662 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LC723661, 723662, 723663
No.0460-3/12
Specifications
Absolute Maximum Ratings at Ta = 25
°C VSS = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
-0.3 to +6.5
V
Input voltage
VIN1
All input pins
-0.3 to VDD+0.3
V
VOUT1
PJ-PORT
-0.3 to +14
V
Output voltage
VOUT2
All input pins other than VOUT1
-0.3 to VDD+0.3
V
IOUT1
PJ-PORT
0 to 5
mA
Output current
IOUT2
PB, PD, PE, PF, PG, PK, PL, PM, PN, PO, PQ, PR,
PS-PORT, EO1, EO2
0 to 3
mA
Allowable power dissipation
Pd max
Ta = -40 to +85
°C
400
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-45 to +125
°C
Allowable Operating Range at Ta = -40 to +85
°C, VDD = 3.5 to 5.5V
Ratings
Parameter
Symbol
Pins
min
typ
mx
uit
VDD1
PLL operation
4.5
5.0
5.5
VDD2
Memory retention
1.1
5.5
Supply voltage
VDD3
CPU operation
3.5
5.5
V
VIH1
PB, PH, PI, PL, PM, PN, PO, PQ, PR,
PS-PORT, HCTR, LCTR
0.7VDD
VDD
V
VIH2
PD, PE, PF, PG, PK-PORT,
LCTR (in period measurement mode), HOLD, RESET
0.8VDD
VDD
V
VIH3
SNS
2.5
VDD
V
Input high-level
voltage
VIH4
PA-PORT
0.6VDD
VDD
V
VIL1
PB, PH, PI, PL, PM, PN, PO, PQ, PR,
PS-PORT, HCTR, LCTR
0
0.3VDD
V
VIL2
PA, PD, PE, PF, PG, PK-PORT,
LCTR (in period measurement mode), RESET
0
0.2VDD
V
VIL3
SNS
0
1.1
V
Input low-level voltage
VIL4
HOLD
0
0.4VDD
V
VIN1
XIN
0.5
1.5
Vrms
VIN2
FMIN
0.07
1.5
Vrms
Input amplitude
VIN3
FMIN, AMIN, HCTR, LCTR
0.04
1.5
Vrms
Input voltage range
VIN6
ADI0 to ADI7
0
VDD
V
FIN1
XIN
4.0
4.5
8.0
MHz
FIN2
FMIN: VIN2, VDD1
10
150
MHz
FIN3
FMIN: VIN3, VDD1
10
130
MHz
FIN4
AMIN(H) : VIN3, VDD1
2.0
40
MHz
FIN5
AMIN(L) : VIN3, VDD1
0.5
10
MHz
FIN6
HCTR: VIN3, VDD1
0.4
12
MHz
FIN7
LCTR: VIN3, VDD1
100
500
kHz
Input frequency
FIN8
LCTR (in period measurement) : VIH2, VIL2, VDD1
1
20
×10
3
Hz


Similar Part No. - LC723662

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72366 SANYO-LC72366 Datasheet
181Kb / 13P
   Single-Chip PLL Microcontrollers
More results

Similar Description - LC723662

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC72F3781 SANYO-LC72F3781 Datasheet
132Kb / 17P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC72F3661 SANYO-LC72F3661 Datasheet
117Kb / 15P
   CMOS IC Electronic tuning radio for car audio ETR Controller
LC723781N SANYO-LC723781N Datasheet
479Kb / 14P
   CMOS IC Electronic tuning system for car audio ETR Microcontrollers
LV3313PM SANYO-LV3313PM Datasheet
143Kb / 18P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3311PNM SANYO-LV3311PNM Datasheet
144Kb / 20P
   Bi-CMOS LSI For Car Audio Systems Electronic Volume IC
LV3319PM SANYO-LV3319PM Datasheet
875Kb / 26P
   For Car Audio Systems Electronic Volume IC
LV3328PM SANYO-LV3328PM Datasheet
274Kb / 26P
   For Car Audio Systems Electronic Volume IC
logo
ON Semiconductor
LV3313PM-TLM-E ONSEMI-LV3313PM-TLM-E Datasheet
123Kb / 18P
   Electronic Volume IC for Car Audio Systems
May, 2013
logo
Sanyo Semicon Device
LV3329PE SANYO-LV3329PE Datasheet
230Kb / 30P
   For Car Audio Systems Electronic Volume IC
LC88F40H0PA SANYO-LC88F40H0PA Datasheet
249Kb / 32P
   For Car Audio Systems 16-bit ETR Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com