Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898023KL Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC898023KL
Description  40쨈 Playback/16쨈 Write CD-R/RW Encoder/Decoder IC with Built-in SCSI Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC898023KL Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC898023KL Datasheet HTML 1Page - Sanyo Semicon Device LC898023KL Datasheet HTML 2Page - Sanyo Semicon Device LC898023KL Datasheet HTML 3Page - Sanyo Semicon Device LC898023KL Datasheet HTML 4Page - Sanyo Semicon Device LC898023KL Datasheet HTML 5Page - Sanyo Semicon Device LC898023KL Datasheet HTML 6Page - Sanyo Semicon Device LC898023KL Datasheet HTML 7Page - Sanyo Semicon Device LC898023KL Datasheet HTML 8Page - Sanyo Semicon Device LC898023KL Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
No. 6614-2/13
LC898023KW, 898023KL
Package Dimensions
unit: mm
3261-SQFP208J (28
× 28)
unit: mm
3264-LQFP208
28.0
31.2
0.15
0.2
(0.5)
(1.25)
1
52
156
105
53
208
104
157
SANYO: SQFP208J (28
× 28)
[LC898023KW]
28.0
25.5
(0.5)
30.0
0.09
0.22
0.5
0.5
0.10
(1.4)
1
52
156
105
53
208
104
157
SANYO: LQFP208
[LC898023KL]
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VDD5 max
Ta
≤ 25°C
–0.3 to +6.0
V
VDD3 max
Ta
≤ 25°C
–0.3 to +4.6
V
I/O voltages
VI5, VO5
Ta
≤ 25°C
–0.3 to VDD5 + 0.3
V
VI3, VO3
Ta
≤ 25°C
–0.3 to VDD3 + 0.3
V
Allowable power dissipation
Pd max
Ta
≤ 70°C
900
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +125
°C
Soldering conditions (pins only)
10 seconds
260
°C
Specifications
Absolute Maximum Ratings at VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[I/O cells, 5.0 V power supply]
Supply voltage
VDD5
4.5
5.0
5.5
V
Input voltage range
VIN
0
VDD5
V
[Internal cells, 3.3 V power supply]
Supply voltage
VDD3
3.0
3.3
3.6
V
Input voltage range
VIN
0
VDD3
V
Allowable Operating Ranges at Ta = –30 to +70°C, VSS = 0 V


Similar Part No. - LC898023KL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC898023 SANYO-LC898023 Datasheet
108Kb / 13P
   LC898023
More results

Similar Description - LC898023KL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC898093 SANYO-LC898093 Datasheet
64Kb / 13P
   40쨈 Playback/12쨈 Write CD-R/RW Encoder/Decoder IC with Built-in ATAPI Interface
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
Sanyo Semicon Device
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
logo
Samsung semiconductor
MAX-B550 SAMSUNG-MAX-B550 Datasheet
6Mb / 24P
   THREE-CD CHANGER MINI-COMPACT SYSTEM CD-R/RW PLAYBACK
logo
Sanyo Semicon Device
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
logo
Rohm
BB6381KU ROHM-BB6381KU Datasheet
166Kb / 6P
   Control IC for CD-R/RW drive
logo
NXP Semiconductors
SAA7391 PHILIPS-SAA7391 Datasheet
370Kb / 108P
   ATAPI CD-R block encoder/decoder
1997 Aug 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com