Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC898023KL Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC898023KL
Description  40쨈 Playback/16쨈 Write CD-R/RW Encoder/Decoder IC with Built-in SCSI Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC898023KL Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC898023KL Datasheet HTML 1Page - Sanyo Semicon Device LC898023KL Datasheet HTML 2Page - Sanyo Semicon Device LC898023KL Datasheet HTML 3Page - Sanyo Semicon Device LC898023KL Datasheet HTML 4Page - Sanyo Semicon Device LC898023KL Datasheet HTML 5Page - Sanyo Semicon Device LC898023KL Datasheet HTML 6Page - Sanyo Semicon Device LC898023KL Datasheet HTML 7Page - Sanyo Semicon Device LC898023KL Datasheet HTML 8Page - Sanyo Semicon Device LC898023KL Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
No. 6614-5/13
LC898023KW, 898023KL
De-scramble &
Buffering
Address generator
Microcontroller
RAM access
Address generator
Address generator
ECC & EDC
SCSI I/F Block
Address generator
Data output input I/F
Bus
Arbiter
&
DRAM
controller
External
Buffer
DRAM
Each Block
Bus control
signal
Each Block
Register
R0-R87
CD-DSP I/F
& SYNC
Detector
Digital Servo
&
CIRC EnDec
HOST
Micro
controller
decoder
PLL
&
Clock
generator
*8
DAC
*9
TEST0-4
*13
*10
*6
*7
*3
*2
CAV-Audio
Sub-code ECC
Address generator
*1
Write Strategy
&
Link-position
*12
Sub-code I/F
de-interleve/interleve
Address generator
ATIP/CLV servo
ATIPSYNC
INT0, INT1
SWAIT
XTALCK0
XTAL0
XTALCK1
XTAL1
Each Block
SCSI Block
Data bus[0:7]
Address bus[0:21]
RAM
Data bus[0:15]
LC898023K
A13483
*1 DSLB (pin96) to FR (pin123), CSS (pin126) to SPDO (pin142), SHOCK (pin147) to PCK2 (pin155)
*2 SUBSYNC
*3 DB0 to DB7, DBP, BSY, MSG, SEL, RST, REQ, I/O, C/D, ACK, ATN
*6 RD, WR, SUA0 to SUA7, CS
*7 D0 to D7
*8 IO0 to IO15
*9 RA0 to RA9, RAS0, RAS1, RAS2, CAS0, CAS1, OE, UWE, LWE
*10 WOBBLE, BIDATA, BICLK, ATIPSYNC
*12 WRITE, SSP2/1, RAPC, WAPC, H11T0, LDH, TEST2/1, WDAT, NWDAT, EFMG
*13 LOUT, ROUT
Block Diagram


Similar Part No. - LC898023KL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC898023 SANYO-LC898023 Datasheet
108Kb / 13P
   LC898023
More results

Similar Description - LC898023KL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC898093 SANYO-LC898093 Datasheet
64Kb / 13P
   40쨈 Playback/12쨈 Write CD-R/RW Encoder/Decoder IC with Built-in ATAPI Interface
LC895926 SANYO-LC895926 Datasheet
68Kb / 7P
   CD-R Encoder/Decoder IC with Built-in SCSI Interface
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
Sanyo Semicon Device
LC895126 SANYO-LC895126 Datasheet
88Kb / 7P
   CD-ROM Decoder with Built-in SCSI Interface
LC895994 SANYO-LC895994 Datasheet
65Kb / 7P
   CD-R Encoder/Decoder LSI with Built-in ATAPI (IDE) Interface
logo
Samsung semiconductor
MAX-B550 SAMSUNG-MAX-B550 Datasheet
6Mb / 24P
   THREE-CD CHANGER MINI-COMPACT SYSTEM CD-R/RW PLAYBACK
logo
Sanyo Semicon Device
LC89512W SANYO-LC89512W Datasheet
52Kb / 5P
   CD-ROM Error Correction LSI with Built-In SCSI Interface
LC895127 SANYO-LC895127 Datasheet
53Kb / 8P
   40 x CD-ROM Decoder with SCSI Interface
logo
Rohm
BB6381KU ROHM-BB6381KU Datasheet
166Kb / 6P
   Control IC for CD-R/RW drive
logo
NXP Semiconductors
SAA7391 PHILIPS-SAA7391 Datasheet
370Kb / 108P
   ATAPI CD-R block encoder/decoder
1997 Aug 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com