Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3PT48D50 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # E3PT48D50
Description  Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

E3PT48D50 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  E3PT48D50 Datasheet HTML 1Page - Teledyne Technologies Incorporated E3PT48D50 Datasheet HTML 2Page - Teledyne Technologies Incorporated E3PT48D50 Datasheet HTML 3Page - Teledyne Technologies Incorporated E3PT48D50 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
E3PT 2
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
E3PT\032003\Q1
Series E3PT
CONTROL CHARACTERISTIC
INPUT (CONTROL) SPECIFICATION
Input Type
Min
Max
Units
Control Range
E3PT48
D
8.5
30
Vdc
E3PT48
A
90
240
Vac
Input Current Range
E3PT48
D
10
45
mA
E3PT48
A
4
11
mA
Must Turn-off Voltage
E3PT48
D
4
Vdc
E3PT48
A
15
Vac
Input Resistance (Typical)
E3PT48
D
620
Ohms
E3PT48
A
21
KOhms
Reverse Voltage Protection
E3PT48
D
30
V
Figure 4a — E3PT48D
EQUIVALENT CIRCUIT
Figure 3b — E3PT48D
LED
Adapter
Adapter
Adapter
7 +
8 –
L1/R
U
L2/S
V
L3/T
W
Figure 3a — E3PT48A
LED
A1
A2
L1/R
U
L2/S
V
L3/T
W
=
Adapter
Adapter
Adapter
02468 10 12 14161820 22 24262830
0
10
20
30
40
50
Control Voltage (V)
Control Voltage (V)
020 40
60
80 100 120 140 160 180 200 220 240
0
3
6
9
12
Figure 4b — E3PT48A


Similar Part No. - E3PT48D50

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P2G48D50 TELEDYNE-E3P2G48D50 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P2G48D75 TELEDYNE-E3P2G48D75 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P2G48D75-16 TELEDYNE-E3P2G48D75-16 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P48A50 TELEDYNE-E3P48A50 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
More results

Similar Description - E3PT48D50

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
C3P24D25 TELEDYNE-C3P24D25 Datasheet
85Kb / 2P
   Three-Phase Output 25A 280 Vac DC control
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
TS24D2G TELEDYNE-TS24D2G Datasheet
113Kb / 4P
   Output to 2.5A, 275 Vac AC/DC Control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
S48A25-22 TELEDYNE-S48A25-22 Datasheet
132Kb / 5P
   Single Output to 125A 660 Vac AC/DC Control
logo
Willow Technologies Ltd
C3P24D25C WILLOW-C3P24D25C Datasheet
164Kb / 2P
   Three-Phase Output to 25A 280 Vac
logo
Mitsubishi Electric Sem...
PS21869-P-AP MITSUBISHI-PS21869-P-AP Datasheet
175Kb / 10P
   600V/50A CSTBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com