Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E3PT48D50H Datasheet(PDF) 4 Page - Teledyne Technologies Incorporated

Part # E3PT48D50H
Description  Three-Phase Output to 50A 520 Vac Touch-Proof, AC or DC Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

E3PT48D50H Datasheet(HTML) 4 Page - Teledyne Technologies Incorporated

  E3PT48D50H Datasheet HTML 1Page - Teledyne Technologies Incorporated E3PT48D50H Datasheet HTML 2Page - Teledyne Technologies Incorporated E3PT48D50H Datasheet HTML 3Page - Teledyne Technologies Incorporated E3PT48D50H Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E3PT 4
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2003 TELEDYNE RELAYS
E3PT\032003\Q1
Series E3PT
THERMAL CHARACTERISTICS
Figure 5a — E3PT48X12
SURGE CURRENTS
Figure 6a — E3PT48X12
Without Heat Sink
3 C/W
1.2 C/W
0.95 C/W
Ambient Temperature ( C)
Load Current (A)
60
50
40
30
20
10
0
10
8
6
4
2
012
0
50
40
30
20
10
60
90
80
70
100
Full on-state
o
o
o
o
Ambient Temperature ( C)
Load Current (A)
010
20
30
40
50607080
0
1.2
°C/W
0.55
°C/W
0.3
°C/W
240
200
160
120
80
40
0
260
280
300
220
180
140
100
60
20
50
40
30
20
10
60
90
80
70
100
Full on-state
Without Heat Sink
0.95
°C/W
o
1.2
°C/W
0.9
°C/W
0.5
°C/W
0.3
°C/W
0.55
°C/W
Ambient Temperature ( C)
Load Current (A)
120
80
40
0
140
100
60
20
050
40
30
20
10
60
90
80
70
100
025
20
15
10
530
45
40
35
50
Full on-state
Without Heat Sink
o
Figure 5b — E3PT48X50
Figure 5c — E3PT48X50H
Non-Repetitive
Repetitive with initial Tj = 70
oC
0
50
100
150
110
0.1
0.01
t (s)
500
1000
1500
0
Non-Repetitive
Repetitive with initial Tj = 70
oC
110
0.1
0.01
t (s)
0
500
1000
1500
2000
Non-Repetitive
Repetitive with initial Tj = 70
oC
110
0.1
0.01
t (s)
Figure 6b — E3PT48X50
Figure 6c — E3PT48X50H


Similar Part No. - E3PT48D50H

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P2G48D50 TELEDYNE-E3P2G48D50 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P2G48D75 TELEDYNE-E3P2G48D75 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P2G48D75-16 TELEDYNE-E3P2G48D75-16 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
E3P48A50 TELEDYNE-E3P48A50 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
More results

Similar Description - E3PT48D50H

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
E3P48R50-16 TELEDYNE-E3P48R50-16 Datasheet
141Kb / 4P
   Three-Phase Output to 75A 600 Vac DC Control
SD24R50-06 TELEDYNE-SD24R50-06 Datasheet
133Kb / 4P
   Dual Output to 50A 600 Vac DC Control
C3P24D25 TELEDYNE-C3P24D25 Datasheet
85Kb / 2P
   Three-Phase Output 25A 280 Vac DC control
S48D95 TELEDYNE-S48D95 Datasheet
370Kb / 5P
   Single Output to 660 Vac AC/DC Control
TS24D2G TELEDYNE-TS24D2G Datasheet
113Kb / 4P
   Output to 2.5A, 275 Vac AC/DC Control
S24D40 TELEDYNE-S24D40 Datasheet
578Kb / 6P
   Single Output to 660 Vac AC/DC Control
04/2023
E3P2G48D25 TELEDYNE-E3P2G48D25 Datasheet
2Mb / 6P
   Three-Phase Output up to 75A, 600 Vac DC Control Solid-State Relay
02/2022
S48A25-22 TELEDYNE-S48A25-22 Datasheet
132Kb / 5P
   Single Output to 125A 660 Vac AC/DC Control
logo
Willow Technologies Ltd
C3P24D25C WILLOW-C3P24D25C Datasheet
164Kb / 2P
   Three-Phase Output to 25A 280 Vac
logo
Mitsubishi Electric Sem...
PS21869-P-AP MITSUBISHI-PS21869-P-AP Datasheet
175Kb / 10P
   600V/50A CSTBT inverter bridge for three phase DC-to-AC power conversion
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com