Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C75-2S Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # C75-2S
Description  Optically Isolated 1.0A with Short-Circuit Protection & Trip Status DC Solid-State Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

C75-2S Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  C75-2S Datasheet HTML 1Page - Teledyne Technologies Incorporated C75-2S Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
C75 8
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE
© 2002 TELEDYNE RELAYS
C75\072002\Q1
Series C75
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
TRIP TIME (SECONDS)
–40°C
+25°C
+85°C
TYPICAL
TYPICAL
TYPICAL TRIPP CURRENT VS. TIME
FIGURE 4
ELECTRICAL CHARACTERISTICS


Similar Part No. - C75-2S

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
C75-2S WILLOW-C75-2S Datasheet
613Kb / 2P
   Optically Isolated 1.0A with Short-Circuit Protection
C75-2SH WILLOW-C75-2SH Datasheet
613Kb / 2P
   Optically Isolated 1.0A with Short-Circuit Protection
More results

Similar Description - C75-2S

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
C75 WILLOW-C75 Datasheet
613Kb / 2P
   Optically Isolated 1.0A with Short-Circuit Protection
logo
Teledyne Technologies I...
SCD21CDY TELEDYNE-SCD21CDY Datasheet
746Kb / 4P
   2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
SR75-1W TELEDYNE-SR75-1W Datasheet
201Kb / 2P
   1.5A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay
logo
Micropac Industries
53262 MICROPAC-53262 Datasheet
114Kb / 4P
   SOLID STATE RELAY, 400VDC- 0.5A OPTICALLY ISOLATED, SHORT CIRCUIT PROTECTED
logo
Teledyne Technologies I...
CD00CFW TELEDYNE-CD00CFW Datasheet
494Kb / 4P
   2A, 60Vdc Optically isolated, Shot -Circuit protected DC Solid-State Relay
logo
List of Unclassifed Man...
M28750 ETC1-M28750 Datasheet
252Kb / 2P
   MILITARY SOLID STATE RELAY OPTICALLY ISOLATED
logo
Teledyne Technologies I...
ZD24CC TELEDYNE-ZD24CC Datasheet
481Kb / 3P
   Short-Circuit Protected with Trip Status
SR75-2W TELEDYNE-SR75-2W Datasheet
204Kb / 2P
   0.75A, 300Vdc Optically Isolated, Short-Circuit Protected for AC or DC Loads DC Solid-State Relay
HD00CFW TELEDYNE-HD00CFW Datasheet
1Mb / 5P
   2A, 60Vdc, True Output Status Feedback,Short-Circuit Protected, DC Solid-State Relay
06/2023
FR75-1 TELEDYNE-FR75-1 Datasheet
517Kb / 3P
   1.0A, 60 Vdc Optically Isolated Short-Circuit Protected
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com