Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM200DSA120 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # PM200DSA120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200DSA120 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  PM200DSA120_00 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200DSA120_00 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200DSA120_00 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200DSA120_00 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200DSA120_00 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200DSA120_00 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Sep.2000
MITSUBISHI INTELLIGENT POWER MODULES
PM200DSA120
FLAT-BASE TYPE
INSULATED PACKAGE
12
14
0
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
16
20
22
1
2
4
3
5
6
18
IC = 200A
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
0
080
0
1
2
3
4
5
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS (TYPICAL)
COLLECTOR CURRENT, IC, (AMPERES)
240
320
160
VD = 15V
VCIN = 0V
Tj = 25
oC
Tj = 125
oC
01
2
0
OUTPUT CHARACTERISTICS
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS)
35
120
200
280
360
4
13
VD = 17V
Tj = 25
oC
VCIN = 0V
15
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
ton
101
102
103
10-1
100
101
toff
VCC = 600V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME VS.
COLLECTOR CURRENT (TYPICAL)
101
102
103
10-1
100
101
tc(off)
tc(on)
VCC = 600V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
COLLECTOR REVERSE CURRENT, IE, (AMPERES)
REVERSE RECOVERY CURRENT VS.
COLLECTOR CURRENT (TYPICAL)
101
102
103
10-2
10-1
100
101
102
103
VCC = 600V
VD = 15V
Inductive Load
Tj = 25
oC
Tj = 125
oC
trr
Irr
00
100
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
Tj = 25
oC
Tj = 125
oC
VD = 15V
VCIN = 5V
0.5
1.0
1.5
2.0
2.5
3.0
101
102
103
DIODE FORWARD CHARACTERISTICS
40
60
80
100
120
OVER CURRENT TRIP LEVEL VS.
SUPPLY VOLTAGE (TYPICAL)
SUPPLY VOLTAGE, VD, (VOLTS)
13
15
17
19
21
TC = 25
oC
0
60
80
100
120
140
OVER CURRENT TRIP LEVEL VS.
TEMPERATURE (TYPICAL)
JUNCTION TEMPERATURE, TC, (
oC)
0
40
80
120
160
VD = 15V
0


Similar Part No. - PM200DSA120_00

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200DSA120 MITSUBISHI-PM200DSA120 Datasheet
925Kb / 6P
   USING INTELLIGENT POWER MODULES
PM200DSA120 MITSUBISHI-PM200DSA120 Datasheet
63Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
logo
Powerex Power Semicondu...
PM200DSA120 POWEREX-PM200DSA120 Datasheet
78Kb / 6P
   Intellimod??Module Single Phase IGBT Inverter Output (200 Amperes/1200 Volts)
More results

Similar Description - PM200DSA120_00

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com