Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM200DVA120 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # PM200DVA120
Description  INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM200DVA120 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  PM200DVA120_05 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM200DVA120_05 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM200DVA120_05 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM200DVA120_05 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM200DVA120_05 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM200DVA120_05 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MITSUBISHI <INTELLIGENT POWER MODULES>
PM200DVA120
FLAT-BASE TYPE
INSULATED PACKAGE
Jun. 2005
Symbol
Parameter
Applied between : VP1-VPC, VN1-VNC
Applied between : CPI-VPC, CNI-VNC
Applied between : FPO-VPC, FNO-VNC
Sink current at FPO, FNO terminal
VD
VCIN
VFO
IFO
Supply Voltage
Input Voltage
Fault Output Supply Voltage
Fault Output Current
20
10
20
20
VCES
±IC
±ICP
PC
Tj
Collector-Emitter Voltage
Collector Current
Collector Current (Peak)
Collector Dissipation
Junction Temperature
VD = 15V, VCIN = 5V
TC = 25
°C
TC = 25
°C
TC = 25
°C
V
A
A
W
°C
MAXIMUM RATINGS (Tj = 25
°C, unless otherwise noted)
INVERTER PART
Symbol
Parameter
Condition
Ratings
Unit
1200
200
400
1033
–20 ~ +150
INTERNAL FUNCTIONS BLOCK DIAGRAM
CONTROL PART
V
V
V
mA
Condition
Ratings
Unit
Ci
Rfo
Ci
IN
SR
FO
SINK
SENS
OUT2
OUT1
TEMP
GND
VCC
Ci
IN
SR
FO
SINK
SENS
OUT2
OUT1
TEMP
GND
VCC
AMP
Rg
Th
AMP
Rg
E2
C2E1
C1
VNC
CNI
SNR
FNO
VN1
VPC
CPI
SPR
FPO
VP1
Rfo
Ci: 100pF, Rfo: 1.5k


Similar Part No. - PM200DVA120_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM200DVA120 MITSUBISHI-PM200DVA120_09 Datasheet
91Kb / 6P
   FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - PM200DVA120_05

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM75RL1B120 MITSUBISHI-PM75RL1B120 Datasheet
151Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50CS1D120 MITSUBISHI-PM50CS1D120 Datasheet
133Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM50RL1B060 MITSUBISHI-PM50RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1A060 MITSUBISHI-PM75CL1A060 Datasheet
147Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75CL1B120 MITSUBISHI-PM75CL1B120 Datasheet
143Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM75RL1A060 MITSUBISHI-PM75RL1A060 Datasheet
157Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM600HSA120 MITSUBISHI-PM600HSA120_00 Datasheet
55Kb / 4P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM1200HCE330-1 MITSUBISHI-PM1200HCE330-1 Datasheet
60Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CL1A060 MITSUBISHI-PM150CL1A060 Datasheet
148Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150CS1D060 MITSUBISHI-PM150CS1D060 Datasheet
134Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
PM150RL1B060 MITSUBISHI-PM150RL1B060 Datasheet
152Kb / 9P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com