Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY12323-303LF Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY12323-303LF
Description  GaAs Digital Attenuator 500 MHz-3 GHz 5 Bits, 1 dB LSB
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY12323-303LF Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY12323-303LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY12323-303LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY12323-303LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY12323-303LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY12323-303LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY12323-303LF Datasheet HTML 6Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
August 7, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200273 Rev. C
DATA SHEET • SKY12323-303LF
4
RF Input/Output
RF Input/Output
1
2
3
4
5
6
7
8
9
10
GND
GND
GND
V1
V2
V3
V4
V5
16 dB
8 dB
4 dB
2 dB
1 dB
Pin Out
Characteristic
Value
RF input power
35 dBm for f > 500 MHz, VCTL = 0/8 V
30 dBm for f < 500 MHz, VCTL = 0/8 V
Supply voltage
VHIGH ± 0.2 V
Control voltage
-0.2 V < VC < 8 V
Operating temperature
-40 °C to +85 °C
Storage temperature
-65 °C to +150 °C
Absolute Maximum Ratings
Performance is guaranteed only under the conditions listed in the specifications table and is
not guaranteed under the full range(s) described by the Absolute Maximum specifications.
Exceeding any of the absolute maximum/minimum specifications may result in permanent
damage to the device and will void the warranty.
CAUTION: Although this device is designed to be as robust as
possible, ESD (Electrostatic Discharge) can damage
this device. This device must be protected at all times
from ESD. Static charges may easily produce poten-
tials of several kilovolts on the human body or
equipment, which can discharge without detection.
Industry-standard ESD precautions must be employed
at all times.
Pin Number
Pin Name
Description
1V1
Control Voltage – High Impedance control
voltage input for 1 dB weighted bit (LSB)
2V2
Control Voltage – High Impedance control
voltage input for 2 dB weighted bit
3V3
Control Voltage – High Impedance control
voltage input for 4 dB weighted bit
4V5
Control Voltage – High Impedance control
voltage input for 8 dB weighted bit
5V5
Control Voltage – High Impedance control
voltage input for 16 dB weighted bit (MSB)
6J2
RF Input/Output – RF input or output port,
supply voltage input if not supplied to pin 10
7, 8, 9
GND
Equipotential Point – Equipotential points
for control voltages and RF circuits. Must
be connected to pcb ground via lowest
possible impedance
10
J1
RF Input/Output – RF input or output port.
Supplied voltage input if not supplied to pin 6
Pin Descriptions
3 V < VHIGH < 5 V, VS = VHIGH ± 0.2 V, 0 < VLOW < 0.2 V).
Truth Table
V1
V2
V3
V4
V5
J1–J2
VHIGH
VHIGH
VHIGH
VHIGH
VHIGH
Reference I.L.
VLOW
VHIGH
VHIGH
VHIGH
VHIGH
1 dB
VHIGH
VLOW
VHIGH
VHIGH
VHIGH
2 dB
VHIGH
VHIGH
VLOW
VHIGH
VHIGH
4 dB
VHIGH
VHIGH
VHIGH
VLOW
VHIGH
8 dB
VHIGH
VHIGH
VHIGH
VHIGH
VLOW
16 dB
VLOW
VLOW
VLOW
VLOW
VLOW
31 dB


Similar Part No. - SKY12323-303LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY12322-86LF SKYWORKS-SKY12322-86LF Datasheet
563Kb / 6P
   GaAs Digital Attenuator 500 MHz-4 GHz 5 Bits, 0.5 dB LSB
SKY12324-73 SKYWORKS-SKY12324-73 Datasheet
264Kb / 6P
   GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
SKY12324-73LF SKYWORKS-SKY12324-73LF Datasheet
264Kb / 6P
   GaAs IC 2-Bit Digital Attenuator 4 dB LSB 0.5-4 GHz
SKY12325-350LF SKYWORKS-SKY12325-350LF Datasheet
509Kb / 4P
   3-Bit Digital Attenuator 500 MHz-6 GHz, 1 dB LSB
SKY12329-350LF SKYWORKS-SKY12329-350LF Datasheet
1Mb / 7P
   SKY12329-350LF GaAs Digital Attenuator 5-Bit, 1 dB LSB 400 MHz?? GHz
More results

Similar Description - SKY12323-303LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY12322-86LF SKYWORKS-SKY12322-86LF Datasheet
563Kb / 6P
   GaAs Digital Attenuator 500 MHz-4 GHz 5 Bits, 0.5 dB LSB
SKY12325-350LF SKYWORKS-SKY12325-350LF Datasheet
509Kb / 4P
   3-Bit Digital Attenuator 500 MHz-6 GHz, 1 dB LSB
logo
Analog Devices
HMC470A AD-HMC470A Datasheet
373Kb / 11P
   0.1 GHz to 3 GHz,1 dB LSB, 5-Bit, GaAs Digital Attenuator
logo
Skyworks Solutions Inc.
SKY12329-350LF SKYWORKS-SKY12329-350LF Datasheet
1Mb / 7P
   SKY12329-350LF GaAs Digital Attenuator 5-Bit, 1 dB LSB 400 MHz?? GHz
logo
Hittite Microwave Corpo...
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC274QS16 HITTITE-HMC274QS16_06 Datasheet
326Kb / 6P
   1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
HMC274QS16 HITTITE-HMC274QS16_08 Datasheet
228Kb / 6P
   1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
HMC470LP3 HITTITE-HMC470LP3_08 Datasheet
269Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL POSITIVE CONTROL ATTENUATOR, DC - 3 GHz
logo
Alpha Industries
AA260-85 ALPHA-AA260-85 Datasheet
162Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Analog Devices
HMC273AMS10GE AD-HMC273AMS10GE Datasheet
852Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com