Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65008 Datasheet(PDF) 10 Page - Skyworks Solutions Inc.

Part # SKY65008
Description  250 - 2700 MHz Linear, Low Current Power Amplifier Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65008 Datasheet(HTML) 10 Page - Skyworks Solutions Inc.

Back Button SKY65008 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65008 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65008 Datasheet HTML 5Page - Skyworks Solutions Inc. SKY65008 Datasheet HTML 6Page - Skyworks Solutions Inc. SKY65008 Datasheet HTML 7Page - Skyworks Solutions Inc. SKY65008 Datasheet HTML 8Page - Skyworks Solutions Inc. SKY65008 Datasheet HTML 9Page - Skyworks Solutions Inc. SKY65008 Datasheet HTML 10Page - Skyworks Solutions Inc. SKY65008 Datasheet HTML 11Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PRELIMINARY DATA SHEET • SKY65008
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
10
April 21, 2005 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 200292A
0.1
0.1
1.125
1.75
0.25
0.5
0.5
4.0 ± 0.05
0.5
1.125
0.25
S506
All measurements are in millimeters
Bottom View
Side View
Figure 13. SKY65008 Package Dimensions
S583
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.05
1.75 ± 0.10
1.50 ± 0.10
1.50 ± 0.25
Reference Pin
Indicator
0.229 ± 0.02
4.35 ± 0.10
7o Max
8o Max
1.73 ± 0.10
4.35 ± 0.10
Notes:
1. Carrier tape material: black conductive polycarbonate
or polysterene
2. Cover tape material: transparent conductive PSA
3. Cover tape size: 9.3 mm width
4. All measurements are in millimeters
A
B
B
A
B
A
Figure 14. SKY65008 Tape and Reel Dimensions


Similar Part No. - SKY65008

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65004 SKYWORKS-SKY65004 Datasheet
364Kb / 14P
   250 -2700 MHz Linear Power Amplifier Driver
SKY65006 SKYWORKS-SKY65006 Datasheet
318Kb / 9P
   3.3 V, 2.5 GHz Linear Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
2Mb / 15P
   2.4-2.5 GHz WLAN/Zigbee Power Amplifier
SKY65006-348LF SKYWORKS-SKY65006-348LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
SKY65009 SKYWORKS-SKY65009 Datasheet
402Kb / 13P
   250 - 2500 MHz Linear Power Amplifier Driver
More results

Similar Description - SKY65008

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65004 SKYWORKS-SKY65004 Datasheet
364Kb / 14P
   250 -2700 MHz Linear Power Amplifier Driver
SKY65009 SKYWORKS-SKY65009 Datasheet
402Kb / 13P
   250 - 2500 MHz Linear Power Amplifier Driver
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
   700 to 2700 MHz Broadband Linear Amplifier Driver
logo
Stealth Microwave, Inc.
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM2527-50 STEALTH_MICROWAVE-SM2527-50 Datasheet
145Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
SM06927-36H STEALTH_MICROWAVE-SM06927-36H Datasheet
90Kb / 3P
   690-2700 MHz 4 Watt Linear Power Amplifier
SM2527-47 STEALTH_MICROWAVE-SM2527-47 Datasheet
122Kb / 3P
   2500-2700 MHz 50 Watt Linear Power Amplifier
SM1727-34HSQ STEALTH_MICROWAVE-SM1727-34HSQ Datasheet
96Kb / 2P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1727-37SQ STEALTH_MICROWAVE-SM1727-37SQ Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM2527-50L STEALTH_MICROWAVE-SM2527-50L Datasheet
113Kb / 2P
   2500-2700 MHz 100 Watt Linear Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com