Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65016 Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # SKY65016
Description  InGaP Cascadable Amplifier LF-3 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65016 Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  SKY65016 Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65016 Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65016 Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65016 Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65016 Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
September 25, 2006 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • 200357 Rev. C
DATA SHEET • SKY65016-70LF
4
Evaluation Board
Input
Output
R1
L1
C1
C4
C2
VD
VS
IS
L3
L2
The SKY65016 evaluation board comprises the SKY65016
amplifier, the input and output of which are connected via 50
Ω
microstrip transmission lines with DC blocking capacitors, C1 and
C2, to the input and output SMA connectors, respectively.
The positive supply voltage, VS, is connected to pin 3, RF Output
of the amplifier via the decoupling network which consists of C4,
L1,L2 and R1. The power supply current, IS, must be limited,
either via the current limit function of an external bench power
supply, or by replacing L3 with resistor R1, the value of which is
given in the Current Limiting Resistor Values table. The evaluation
board is shipped with L3 in place, which shifts an in-band series
resonance of the supply decoupling network out of band. For low
frequency applications, R1 may be used to conveniently limit
supply current on the evaluation board.
The evaluation board also contains a probe fixture which
facilitates the direct measurement of the s parameters of the
SKY65016. The probe fixture comprises a very short coplanar
waveguide (CPW) transmission line to pin 1 and an identical line
to pin 3. All other pins of the amplifier are grounded. The CPW
transmission lines are compatible with ground-signal-ground
wafer probe tips, which can be connected to the RF ports of a
vector network analyzer (VNA) via coaxial cables. The very small
electrical length of these CPW transmission lines obviates the
need to de-embed their effects from the s parameters that are
measured. The supply constant current must be applied via the
bias tee, which is typically integrated into the VNA, which is cas-
cade with the output pin of the amplifier.
Component
Description
Value
Size
Suggested Part Number
Comments
C1,C2,C4
Capacitor
47 nF
0603
L1
Inductor
33 nH
0603
L2
Ferrite bead
FBMH4525HM162N-T
R1
Resistor
See Current Limiting
0603
Resistor Values Table
U1
Amplifier
SKY65016
Evaluation Board Parts List
VS,V
R1
Minimum Power
Resistance,
Ω
Ω
Dissipation rating, mW
4
13
125
4.6
28
125
5
38
125
6
63
125
8
113
250
9
138
500
10
163
500
12
213
500
Current Limiting Resistor Values


Similar Part No. - SKY65016

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65016 SKYWORKS-SKY65016 Datasheet
341Kb / 5P
   InGaP General-Purpose Amplifier LF-3 GHz
SKY65016-214LF SKYWORKS-SKY65016-214LF Datasheet
341Kb / 5P
   InGaP General-Purpose Amplifier LF-3 GHz
SKY65016-92LF SKYWORKS-SKY65016-92LF Datasheet
311Kb / 5P
   InGaP Cascadable Amplifier
More results

Similar Description - SKY65016

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65013-70LF SKYWORKS-SKY65013-70LF Datasheet
287Kb / 5P
   InGaP Cascadable Amplifier LF-7 GHz
SKY65017-70LF SKYWORKS-SKY65017-70LF Datasheet
271Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
SKY65014-92LF SKYWORKS-SKY65014-92LF Datasheet
417Kb / 5P
   InGaP Cascadable Amplifier LF-9 GHz
SKY65015-70LF SKYWORKS-SKY65015-70LF Datasheet
294Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
SKY65016-214LF SKYWORKS-SKY65016-214LF Datasheet
341Kb / 5P
   InGaP General-Purpose Amplifier LF-3 GHz
SKY65014-214LF SKYWORKS-SKY65014-214LF Datasheet
338Kb / 5P
   InGaP General Purpose Amplifier LF-6 GHz
SKY65013-214LF SKYWORKS-SKY65013-214LF Datasheet
343Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65015-214LF SKYWORKS-SKY65015-214LF Datasheet
334Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65016-92LF SKYWORKS-SKY65016-92LF Datasheet
311Kb / 5P
   InGaP Cascadable Amplifier
SKY65013-92LF SKYWORKS-SKY65013-92LF Datasheet
311Kb / 5P
   InGaP Cascadable Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com