Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKY65013-70LF Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SKY65013-70LF
Description  InGaP Cascadable Amplifier LF-7 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY65013-70LF Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SKY65013-70LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY65013-70LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY65013-70LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY65013-70LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY65013-70LF Datasheet HTML 5Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200360 Rev. C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • September 25, 2006
1
SKY65013-70LF: InGaP Cascadable Amplifier
LF–7 GHz
DATA SHEET
Applications
Wireless infrastructure: WLAN, HLAN, DBS, broadband, cellular
base stations
Test instrumentation
CATV
Features
Broadband: LF–7 GHz
Small signal gain: 12.5 dB typ. @ 2 GHz
High output 3rd order intercept: +29 dBm typ.
0P1 dB: 12.5 dBm typ. @ 2 GHz
Input and output impedance: 50
Ω nominal
Single, positive DC supply voltage
SOT-89 package
Available lead (Pb)-free, RoHS compliant and Green MSL-1
@ 260 °C per JEDEC J-STD-020
50
Ω
50
Ω
Description
The SKY65013 is a general-purpose, broadband amplifier fabri-
cated from Skyworks InGaP HBT process and packaged in a
SOT-89 package. The amplifier’s input and output impedances are
50
Ω, which allows these amplifiers to be cascaded without
external impedance matching networks. The typical -3 dB band-
width of the SKY65013 is LF–7 GHz.
This amplifier is also available in the plastic micro-X package
(SKY65013-214LF) and the SC-88 package (SKY65013-92LF).
The SKY65013 is lead (Pb)-free and RoHS compliant. It is also
“Green”—environmentally friendly, containing no antimony or
halogens, such as bromine.
A populated evaluation board is available upon request.
Full scattering parameters for this part are available for download
at www.skyworksinc.com
Functional Block Diagram
Skyworks Green products are lead (Pb)-free, RoHS
(Restriction of Hazardous Substances)-compliant,
conform to the EIA/EICTA/JEITA Joint Industry Guide
(JIG) Level A guidelines, and are free from antimony
trioxide and brominated flame retardants.
NEW


Similar Part No. - SKY65013-70LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65013-214LF SKYWORKS-SKY65013-214LF Datasheet
343Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65013-92LF SKYWORKS-SKY65013-92LF Datasheet
311Kb / 5P
   InGaP Cascadable Amplifier
More results

Similar Description - SKY65013-70LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY65016-70LF SKYWORKS-SKY65016-70LF Datasheet
280Kb / 5P
   InGaP Cascadable Amplifier LF-3 GHz
SKY65017-70LF SKYWORKS-SKY65017-70LF Datasheet
271Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
SKY65014-92LF SKYWORKS-SKY65014-92LF Datasheet
417Kb / 5P
   InGaP Cascadable Amplifier LF-9 GHz
SKY65015-70LF SKYWORKS-SKY65015-70LF Datasheet
294Kb / 5P
   InGaP Cascadable Amplifier LF-6 GHz
SKY65014-214LF SKYWORKS-SKY65014-214LF Datasheet
338Kb / 5P
   InGaP General Purpose Amplifier LF-6 GHz
SKY65016-214LF SKYWORKS-SKY65016-214LF Datasheet
341Kb / 5P
   InGaP General-Purpose Amplifier LF-3 GHz
SKY65013-214LF SKYWORKS-SKY65013-214LF Datasheet
343Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65015-214LF SKYWORKS-SKY65015-214LF Datasheet
334Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65016-92LF SKYWORKS-SKY65016-92LF Datasheet
311Kb / 5P
   InGaP Cascadable Amplifier
SKY65013-92LF SKYWORKS-SKY65013-92LF Datasheet
311Kb / 5P
   InGaP Cascadable Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com